Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS7D2P02P8Z Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLJS7D2P02P8Z
Description  MOSFET - Power, Single P-Channel, WDFN6 -20 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS7D2P02P8Z Datasheet(HTML) 2 Page - ON Semiconductor

  NTLJS7D2P02P8Z Datasheet HTML 1Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 2Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 3Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 4Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 5Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTLJS7D2P02P8Z
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−20
V
Drain−to−Source Breakdown
Voltage Temperature Coefficient
V(BR)DSS/
TJ
ID = −250 mA, ref to 25°C
14.4
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −16 V
TJ = 25°C
−1
mA
TJ = 125°C
−10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±8.0 V
±10
mA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
−0.4
−1.5
V
Threshold Temperature Coefficient
VGS/TJ
ID = −250 mA, ref to 25°C
−3.3
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = −4.5 V, ID = −10 A
7.1
9.0
mW
VGS = −2.5 V, ID = −5 A
9.1
11
Forward Transconductance
gFS
VDS = −5 V, ID = −10 A
59
S
CHARGES AND CAPACITANCES
Input Capacitance
Ciss
VGS = 0 V, VDS = −10 V,
f = 1.0 MHz
2790
pF
Output Capacitance
Coss
412
Reverse Transfer Capacitance
Crss
369
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −10 V,
ID = −10 A
26.7
nC
Threshold Gate Charge
QG(TH)
1.4
nC
Gate−to−Source Charge
QGS
3.7
Gate−to−Drain Charge
QGD
6.7
SWITCHING CHARACTERISTICS, VGS = 4.5 V (Note 5)
Turn−On Delay Time
td(on)
VGS = −4.5 V, VDD = −15 V,
ID = −10 A, RG = 6 W
9.3
ns
Rise Time
tr
25.1
Turn−Off Delay Time
td(off)
224
Fall Time
tf
130
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = −10 A
TJ = 25°C
0.74
1.2
V
TJ = 125°C
0.65
Reverse Recovery Time
tRR
VGS = 0 V, dlS/dt = −100 A/ms,
IS = −10 A
20
ns
Reverse Recovery Charge
QRR
5.4
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
5. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com