Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS7D2P02P8Z Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLJS7D2P02P8Z
Description  MOSFET - Power, Single P-Channel, WDFN6 -20 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS7D2P02P8Z Datasheet(HTML) 3 Page - ON Semiconductor

  NTLJS7D2P02P8Z Datasheet HTML 1Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 2Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 3Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 4Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 5Page - ON Semiconductor NTLJS7D2P02P8Z Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTLJS7D2P02P8Z
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
−VGS, GATE−TO−SOURCE VOLTAGE (V)
0
0
8
14
Figure 3. On−Resistance vs. Gate−to−Source
Voltage (V)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
−ID, DRAIN CURRENT (A)
4.0
3.5
3.0
2.0
0
4
4
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
25
−50
0.4
1.6
19
17
13
5
TJ = 25°C
ID = −10 A
VGS = −4.5 V
ID = −10 A
15
7
VGS = −10 V to −1.4 V
1
TJ = 25°C
4
2
10
7
30
0.8
4.5
10
TJ = 25°C
0
10
100
2
1.2
1.5
23
10
1.0
−25
50
100
150
1
68
9
2
TJ = 125°C
5
10
20
25
1
VGS = −1.8 V
2.5
12
11
−1.2 V
100K
14
6
0
75
125
0.6
1.0
1K
10K
TJ = 85°C
TJ = 150°C
10
11
8
12
VGS = −2.5 V
3
12
TJ = 25°C
TJ = 125°C
TJ = −55°C
14
12
4
6
8
6
5
VGS = −4.5 V
1.4
915



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com