Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB7204B3 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # FB7204B3
Description  Universal Input/Output (HART)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FB7204B3 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  FB7204B3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Universal Input/Output (HART)
FB7204B3
< 4-channel
< Inputs Ex ia, Outputs Ex ia
< Installation in suitable enclosures in Zone 1
< Module can be exchanged under voltage (hot swap)
< Analog input, digital input,
analog output, digital output
< Supply circuit 21.5 V (4 mA)
< HART communication via field bus or service bus
< Simulation mode for service operations (forcing)
< Line fault detection (LFD): one LED per channel
< Permanently self-monitoring
Function
The device is a configurable universal module. Each channel can operate in the following modes:
- As an analog input (AI) it feeds 2-wire transmitters.
- As an analog output (AO) it can drive proportional valves, I/P converters, or local indicators.
- As a digital input (DI) it reads dry contacts.
- As a digital output (DO) it can drive solenoids, sounders, or LED.
A combination of analog and digital I/O is possible.
Channel LEDs indicate the status of each channel. White LEDs indicate whether AI, AO, DI, DO are selected.
The intrinsically safe signals are galvanically isolated from the bus and the power supply.
Connection
Zone 1
Zone 0, 20
2-
1+
4-
3+
6-
5+
8-
7+
I
II
III
IV
Technical Data
Slots
Occupied slots
1
Supply
Connection
backplane bus
Rated voltage
Ur
Use only in connection with the power supplies FB92**
Power dissipation
2 W
Power consumption
3 W
Internal bus
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - FB7204B3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FB73-085-RC BOURNS-FB73-085-RC Datasheet
488Kb / 2P
Excellent EMI suppression
FB73-110-RC BOURNS-FB73-110-RC Datasheet
488Kb / 2P
Excellent EMI suppression
FB73-226-RC BOURNS-FB73-226-RC Datasheet
488Kb / 2P
Excellent EMI suppression
FB73-287-RC BOURNS-FB73-287-RC Datasheet
488Kb / 2P
Excellent EMI suppression
FB73-422-RC BOURNS-FB73-422-RC Datasheet
488Kb / 2P
Excellent EMI suppression
More results

Similar Description - FB7204B3

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB4202B2 PF-FB4202B2 Datasheet
514Kb / 3P
HART Output Isolator
FB4202B3 PF-FB4202B3 Datasheet
729Kb / 3P
HART Output Isolator
FB4205C2 PF-FB4205C2 Datasheet
687Kb / 3P
HART Output Isolator with Shutdown Input
FB7304B3 PF-FB7304B3 Datasheet
794Kb / 4P
Universal Input/Output (HART)
LB4005C2 PF-LB4005C2 Datasheet
658Kb / 3P
HART Output Isolator with Shutdown Input
2021-12-01
LB4102C2 PF-LB4102C2 Datasheet
540Kb / 3P
HART Output Isolator with Shutdown Input
2021-12-01
LB4105C2 PF-LB4105C2 Datasheet
178Kb / 4P
HART Output Isolator with Shutdown Input
2021-12-01
LB4106C PF-LB4106C Datasheet
606Kb / 4P
HART Output Isolator with Shutdown Input
2021-12-01
LB7004A PF-LB7004A Datasheet
604Kb / 4P
Universal Input/Output (HART)
2021-12-01
LB7104A PF-LB7104A Datasheet
624Kb / 4P
Universal Input/Output (HART)
2021-12-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com