Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB7204B3 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # FB7204B3
Description  Universal Input/Output (HART)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FB7204B3 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  FB7204B3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Connection
terminals 1+, 2-, 3+, 4-, 5+, 6-, 7+, 8-
Drive capability
12 V / 22 mA
Open loop voltage
Us
min. 22.7 V
Current limit
Imax
22 mA
Internal resistor
Ri
385 Ω
Line fault detection
can be switched on/off for each channel via configuration tool
Test current
0.4 mA
Short-circuit
< 50 Ω
Open-circuit
< 0.2 mA
Transfer characteristics
Deviation
After calibration
0.1 % of the signal range at 20 °C (68 °F)
Influence of ambient temperature
0.1 %/10 K of the signal range
Resolution
12 Bit (0 ... 26 mA)
Refresh time
approx. 100 ms (4 channels)
Indicators/settings
LED indication
Power LED (P) green: supply
Diagnostic LED (I) red: module fault , red flashing: communication error , white: fixed
parameter set (parameters from com unit are ignored) , white flashing: requests
parameters from com unit
Status LED (1-4) red: line fault (lead breakage or short circuit) , yellow: state of digital
I/O (0/1)
Configuration LED (AI, AO, DI, DO) white: selected channel mode
Coding
optional mechanical coding via front socket
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1
Conformity
Electromagnetic compatibility
NE 21
Degree of protection
IEC 60529
Environmental test
EN 60068-2-14
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Damaging gas
EN 60068-2-42
Relative humidity
EN 60068-2-56
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
95 % non-condensing
Shock resistance
shock type I, shock duration 11 ms, shock amplitude 15 g, number of shocks 18
Vibration resistance
frequency range 10 ... 150 Hz; transition frequency: 57.56 Hz, amplitude/acceleration
± 0.075 mm/1 g; 10 cycles
frequency range 5 ... 100 Hz; transition frequency: 13.2 Hz amplitude/acceleration ± 1
mm/0.7 g; 90 minutes at each resonance
Damaging gas
designed for operation in environmental conditions acc. to ISA-S71.04-1985, severity
level G3
Mechanical specifications
Degree of protection
IP20 (module) , a separate housing is required acc. to the system description
Connection
removable front connector with screw flange (accessory)
wiring connection via spring terminals (0.14 ... 1.5 mm2) or screw terminals
(0.08 ... 1.5 mm2)
Mass
approx. 425 g
Dimensions
28 x 107 x 132 mm (1.1 x 4.2 x 5.2 inch)
Data for application in connection with hazardous areas
EU-type examination certificate
Presafe 19 ATEX 14057U
Marking
1
II 2(1)G Ex db eb q [ia Ga] IIC Gb
II (1)D [Ex ia Da] IIIC
I (M1) [Ex ia Ma] I
Universal Input/Output (HART)
FB7204B3
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com