Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB7204B3 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # FB7204B3
Description  Universal Input/Output (HART)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FB7204B3 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  FB7204B3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FB7204B3 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Connection
backplane bus
Interface
manufacturer-specific bus to standard com unit
Analog input
Number of channels
4
Suitable field devices
Field device
pressure converter
Field device [2]
flow converter
Field device [3]
level converter
Field device [4]
Temperature Converter
Field device interface
Connection
2-wire transmitter
Connection
terminals 1+, 2-; 3+, 4-; 5+, 6-; 7+, 8-
Transmitter supply voltage
min. 15 V at 20 mA ; 21.5 V at 4 mA
Input resistance
15 Ω
Line fault detection
can be switched on/off for each channel via configuration tool , configurable via
configuration tool
Short-circuit
factory setting: > 21 mA Can be parameterized in the range 0 ... 22 mA
Open-circuit
factory setting: < 3.6 mA Can be parameterized in the range 0 ... 22 mA
HART communication
yes
HART secondary variable
yes
Analog output
Number of channels
4
Suitable field devices
Field device
Proportional Valve
Field device [2]
I/P converters
Field device [3]
on-site display
Connection
terminals 1+, 2-; 3+, 4-; 5+, 6-; 7+, 8-
Current
0 ... 20 mA short-circuit protected
Line fault detection
can be switched on/off for each channel via configuration tool , configurable via
configuration tool
Short-circuit
factory setting: < 50 Ω configurable between 0 ... 26 mA
Open-circuit
deviation of preset output value > 0.5 mA
Load
max. 750 Ω at 20 mA
HART communication
yes
HART secondary variable
yes
Watchdog
output off 0.5 s after serious fault
Digital input
Number of channels
4
Sensor interface
Connection [2]
volt-free contact
Connection
terminals 1+, 2-; 3+, 4-; 5+, 6-; 7+, 8-
Line fault detection
can be switched on/off for each channel via configuration tool
Connection
mechanical switch with additional resistors (see connection diagram)
Short-circuit
> 7 mA
Open-circuit
< 0.1 mA
Digital signals (active)
Switching point: ON
> 2.1 mA
Switching point: OFF
< 1.2 mA
Digital output
Number of channels
4
Suitable field devices
Field device
Solenoid Valve
Field device [2]
audible alarm
Field device [3]
visual alarm
Universal Input/Output (HART)
FB7204B3
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com