Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20NET2 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMH20NET2
Description  1.9kW Single-Phase Switched PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH20NET2 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMH20NET2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH20NET2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH20NET2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH20NET2 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Enables reboot of locked equipment, custom power-on/power-off sequences, load-shedding of optional
loads and disabling unused outlets
q
Network interface provides PDU control and data regarding input voltage and total output load level in
amps
q
Digital display continuously reports total output load level in amps
q
Supports user-specified alarm notification thresholds
q
In-rack environmental reporting with optional ENVIROSENSE temperature / humidity sensor and rack
access notification with up to 4 optional SRSWITCH door sensors
q
DHCP/Manual configuration support
q
10/100 Mbps auto-sensing
q
Real-time clock backup maintains the time of day and date even if the PDU is unpowered
q
Tiered access privileges allow an administrator and a guest to login simultaneously
q
Alert notifications via email or SNMP traps offer immediate event notification
q
Firmware upgrade ability supports future product enhancements
q
Supports HTTP, HTTPS, PowerAlert Network Management System, SMTP, SNMPv1, SNMPv2,
SNMPv3, Telnet, SSH, FTP, DHCP, BOOTP, NTP protocols
q
Fully compatible with FREE PowerAlert Network Management System / NMS Software
q
Mounting flanges support installation in 2 and 4 post racks, with additional support for wall-mount and
under-counter installation formats
q
Mounting ears are reversible for front or rear facing rackmount installation
q
Included cord retention brackets
q
Trade Agreements Act / TAA Compliant for GSA Schedule purchases
q
OVERVIEW
UPC Code
037332174703
PDU Type
Switched
INPUT
Recommended Electrical Service
20A 120V
Maximum Input Amps
20
Maximum Input Amps Details
Agency de-rated to 16A continuous
PDU Plug Type
NEMA 5-20P; NEMA L5-20P
Input Phase
Single-Phase
Input Cord Length (ft.)
12
Input Cord Length (m)
3.66
OUTPUT
Output Capacity Details
2.03kW (127V), 1.92kW (120V), 1.6kW (100V) / 20A total capacity (Agency de-rated to 16A); 16A max per outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(8) 5-15/20R
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com