Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20NET2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMH20NET2
Description  1.9kW Single-Phase Switched PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH20NET2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMH20NET2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH20NET2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH20NET2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH20NET2 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PowerAlert Console Launcher To address Java Runtime Environment (JRE) issues with respect to the
SNMPWEBCARD web interface, Tripp Lite recommends using the PowerAlert Console Launcher . This
application enables local access of the SNMPWEBCARD using a self-contained, compatible JRE version.
The Console Launcher can be downloaded for free from the Technical Support page or from the
Management Solutions / Utilities page.
1.9kW Single-Phase Switched PDU, 120V Outlets
(8 5-15/20R), L5-20P/5-20P Adapter, 12ft Cord, 1U
Rack-Mount, TAA
MODEL NUMBER: PDUMH20NET2
Description
Tripp Lite single phase Switched PDU / Power Distribution Unit offers advanced network control and
monitoring with the ability to turn on, turn off, recycle or lock-out power to each individual receptacle,
monitor site electrical conditions and remotely monitor output power consumption. PowerAlert interface
supports remote control and custom notification of user-specified conditions via email, PowerAlert
Console Launcher, SNMP, Telnet or SSH interface. Individually switched outlets can be controlled in real-
time to remotely reboot unresponsive network hardware, or be custom programmed for user-defined
power-up and power-down sequences to ensure proper startup of interdependent IT systems and prevent
inrush-related overloads as network equipment is first energized. Unused PDU outlets can be
electronically locked off to prevent the connection of unauthorized hardware. PDU output current
consumption in amps is continuously displayed locally via visual meter and remotely via the network
interface to warn of potential overloads before critical IT mains or branch breakers trip.
Features
20A 120V Switched Power Distribution Unit / PDU with built-in network interface (Agency derated to
16A continuous)
q
Attached NEMA L5-20P input with NEMA 5-20P plug adapter, 12 ft. / 3.6m input cable
q
1U horizontal rackmount form factor
q
8 switched NEMA 5-15/20R outlets
q
Supports power-on, power-off or reboot of each outlet on a real-time or programmable basis
q
Highlights
Switched 20A 120V PDU, 1U
horizontal rackmount format
q
Reports voltage, frequency &
load level via ethernet interface
q
Visual current meter, Reversible
housing
q
NEMA L5-20P input with 5-20P
plug adapter, 12 ft. / 3.6m line
cord
q
8 NEMA 5-15/20R switched
outlets with cord retention
brackets
q
Temperature, humidity and
contact closure monitoring
options
q
Trade Agreements Act / TAA
Compliant for GSA Schedule
purchases
q
Package Includes
PDU with attached L5-20P input
power cord and 5-20P plug
adapter
q
Rackmount installation brackets
and wire retention plates
q
Configuration cable
q
User manual
q
1 / 4


Similar Part No. - PDUMH20NET2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH20NET2LX TRIPPLITE-PDUMH20NET2LX Datasheet
162Kb / 4P
1.9kW Single-Phase Switched PDU, LX Interface, 120V Outlets (8 5-15/20R), NEMA L5-20P/5-20P input, 12 ft. (3.66 m) Cord, 1U Rack, TAA
More results

Similar Description - PDUMH20NET2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU1220T ETC2-PDU1220T Datasheet
484Kb / 4P
Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets, NEMA L5-20P input plug
logo
Tripp Lite. All Rights ...
PDU3MV6L2120LV TRIPPLITE-PDU3MV6L2120LV Datasheet
530Kb / 3P
TAA-Compliant 5.7kW 3-Phase Metered PDU, 120V Outlets 42 5-15-20R, L21-20P, 6ft Cord, 0U Vertical
PDU1220 TRIPPLITE-PDU1220_15 Datasheet
478Kb / 3P
2.4kW Single-Phase Basic PDU, 120V Outlets (135-15-20R), 5-20P, 15ft Cord, 1U Rack-Mount
PDU1220T TRIPPLITE-PDU1220T_15 Datasheet
478Kb / 3P
2.4kW Single-Phase Basic PDU, 120V Outlets (135-15-20R) L5-20P, 15ft Cord, 1U Rack-Mount
PDU1420T TRIPPLITE-PDU1420T Datasheet
465Kb / 3P
2.4kW Single-Phase Basic PDU, 120V Outlets (145-15-20R), L5-20P, 15ft Cord, 0U Vertical
PDUMH30 TRIPPLITE-PDUMH30 Datasheet
159Kb / 3P
2.9kW Single-Phase Metered PDU, 120V Outlets (12 5-15/20R), L5-30P, 15ft Cord, 1U Rack-Mount
PDUMV20-36 TRIPPLITE-PDUMV20-36 Datasheet
161Kb / 3P
2kW Single-Phase Local Metered PDU, 100-127V Outlets (14 5-15/20R), L5-20P/5-20P adapter, 0U Vertical, 36 in. Height
PDUMV20-72 TRIPPLITE-PDUMV20-72 Datasheet
158Kb / 3P
2kW Single-Phase Local Metered PDU, 100-127V Outlets (36 5-15/20R), L5-20P/5-20P adapter, 0U Vertical, 72-in.
PDUMH20NET2LX TRIPPLITE-PDUMH20NET2LX Datasheet
162Kb / 4P
1.9kW Single-Phase Switched PDU, LX Interface, 120V Outlets (8 5-15/20R), NEMA L5-20P/5-20P input, 12 ft. (3.66 m) Cord, 1U Rack, TAA
PDUMNH20 TRIPPLITE-PDUMNH20 Datasheet
157Kb / 3P
1.9kW Single-Phase Monitored PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12 ft. (3.66 m) Cord, 1U Rack-Mount, LX Platform Interface, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com