Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20NET2 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMH20NET2
Description  1.9kW Single-Phase Switched PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH20NET2 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMH20NET2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH20NET2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH20NET2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH20NET2 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Output Nominal Voltage
100; 120; 127
Customized Load Management
Receptacles
8 individually switched output receptacles
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports total PDU output current in amps
Front Panel LEDs
8 LEDs display power on-off status for each output receptacle
SURGE / NOISE SUPPRESSION
Automatic Shut-Off
No
PHYSICAL
Material of Construction
Metal
Form Factors Supported
1U rackmount
Minimum Required Rack Depth (cm)
23.62
Minimum Required Rack Depth
(inches)
9.3
PDU Form Factor
Horizontal (1U)
Shipping Dimensions (hwd / cm)
29.72 x 5.08 x 51.31
Shipping Dimensions (hwd / in.)
11.70 x 2.00 x 20.20
Shipping Weight (kg)
3.54
Shipping Weight (lbs.)
7.80
Unit Dimensions (hwd / in.)
1.75 x 17.5 x 4.25
Unit Dimensions (hwd / cm)
4.44 x 44.4 x 10.8
Unit Weight (lbs.)
5.99
Unit Weight (kg)
2.72
ENVIRONMENTAL
Storage Temperature Range
5 to 122F (-15 to 50C)
Relative Humidity
5-95% non condensing
Operating Elevation (ft.)
0-10,000
Operating Elevation (m)
0-3000
COMMUNICATIONS
PowerAlert Software
LX Platform Interface: PowerAlert Device Manager
Communications Cable
RJ45-to-DB9 configuration/console Access cable
Network Monitoring Port
RJ45 Network port, Micro-USB Configuration port, USB A port supports a variety of Envirosense2 environmental and
control modules. See Accessories>Management Hardware section for more information about these modules.
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com