Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH30ATNET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMH30ATNET
Description  2.9kW Single-Phase Switched Automatic Transfer Switch PDU, 2 120V L5-30P Inputs, 24 5-15/20R & 1 L5-30R Outputs, 2U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH30ATNET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMH30ATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH30ATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH30ATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH30ATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
out of phase utility power grid feeds are fully supported
On-board ATS processor constantly evaluates power quality on both inputs to prevent transfer to the
secondary source when unavailable or of lower quality than the primary source
q
LX Platform interface allows full remote access for power monitoring with email notifications via secure
web browser, SNMP, telnet or SSH
q
Optional EnviroSense2 modules (sold separately) provide a variety of environmental monitoring
capabilities
q
Auto Probe feature (Firmware 15.5.2 and greater) checks the connectivity status of any networked
device and automatically takes one or more user-configured actions if the device fails to respond;
actions include outlet reboot, set SNMP traps, SNMP OID sets, and even script execution when used in
conjunction with the Tripp Lite PowerAlert Network Shutdown Agent (PANSA)
q
Outlets are factory programmed for sequential turn-on at 250 millisecond intervals as the PDU is first
energized
q
Front panel LEDs confirm power availability on both input lines
q
Compliant with the Federal Trade Agreements Act(TAA) for GSA Schedule purchases
q
OVERVIEW
UPC Code
037332157294
PDU Type
Auto-Transfer Switch; Switched
INPUT
PDU Input Voltage
100; 120; 127
Recommended Electrical Service
30A 120V
Maximum Input Amps
30.0
Maximum Input Amps Details
Agency de-rated to 24A continuous
PDU Plug Type
(2) NEMA L5-30P
Input Phase
Single-Phase
Input Cord Details
Set of two inputs connect to separate PRIMARY and SECONDARY power sources
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
OUTPUT
Output Capacity Details
3.05kW (127V), 2.88kW (120V), 2.4kW (100V) / 30A total capacity (Agency de-rated 24A); 24A max per L5-30R
outlet; 20A max per breakered load bank; 16A max per 5-15/20R outlet
Frequency Compatibility
50 / 60 Hz
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com