Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH30ATNET Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMH30ATNET
Description  2.9kW Single-Phase Switched Automatic Transfer Switch PDU, 2 120V L5-30P Inputs, 24 5-15/20R & 1 L5-30R Outputs, 2U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH30ATNET Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMH30ATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH30ATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH30ATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH30ATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Output Receptacles
(24) 5-15/20R; (1) L5-30R
Output Nominal Voltage
100; 120; 127
Overload Protection
Two 20A output breakers protect 12 5-15/20R outlets each
Customized Load Management
Receptacles
25 individually controllable outlets
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports output amps in 4 separately metered loading segments (BANK 1: 5-20R outlets #1-12; BANK
2: 5-20R outlets #13-24; BANK 3: L5-30R outlet #25; BANK 4: Total PDU output), whole-PDU output kW load level,
input voltage on primary and secondary lines and *temperature / *humidity data (*with optional EnviroSense2
sensor)
Front Panel LEDs
25 LEDs display power on/off status for each outlet, plus 2 LEDs for power status on Primary and Secondary input
connection and 3 additional LEDs to label the displayed numeric value as Amps, kW or Voltage
Switches
ENTER and MODE switches toggle the digital display to show output amps (Banks 1-4), total kW output, input
voltage (primary, secondary) and *temperature / *humidity data (*with optional &nbsp;<a class="productLink"
href="//www.tripplite.com/EnviroSense-Rack-Environment-Sensor-Temperature-Humidity-Contact-Closure-
Inputs~ENVIROSENSE">ENVIROSENSE</a>&nbsp; sensor)
Current Measurement Accuracy
(Amps)
+/-1%
Voltage Measurement Accuracy
(Volts)
+/-1%
Power Measurement Accuracy
(Watts)
+/-1%
PHYSICAL
Form Factors Supported
2U rackmount
Material of Construction
Metal
Minimum Required Rack Depth (cm)
42.93
Minimum Required Rack Depth
(inches)
16.9
PDU Form Factor
Horizontal (2U)
Shipping Dimensions (hwd / cm)
19.56 x 42.42 x 50.04
Shipping Dimensions (hwd / in.)
7.70 x 16.70 x 19.70
Shipping Weight (kg)
8.85
Shipping Weight (lbs.)
19.50
Unit Dimensions (hwd / cm)
8.6 x 43.9 x 43.9
Unit Dimensions (hwd / in.)
3.4 x 17.3 x 11.9
Unit Weight (kg)
6.94
Unit Weight (lbs.)
15.30
ENVIRONMENTAL
Storage Temperature Range
-30°C to +50°C (-22°F to +122°F)
Relative Humidity
5 to 95% (non-condensing)
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com