Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH30ATNET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMH30ATNET
Description  2.9kW Single-Phase Switched Automatic Transfer Switch PDU, 2 120V L5-30P Inputs, 24 5-15/20R & 1 L5-30R Outputs, 2U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH30ATNET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMH30ATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH30ATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH30ATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH30ATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.9kW Single-Phase Switched Automatic
Transfer Switch PDU, 2 120V L5-30P Inputs, 24 5-
15/20R & 1 L5-30R Outputs, 2U, TAA
MODEL NUMBER: PDUMH30ATNET
Features
120V 30A Power Distribution Unit (PDU) with Auto-Transfer Switch (ATS) and Switched outlets (Agency
de-rated to 24A)
q
ATS features provide redundant power for critical network equipment with a single input power cord
q
Switched PDU features enable programmable or real-time power control of individual outlets via built-in
network interface
q
Visual meter reports output amp and kW power consumption, plus voltage and temperature/humidity
data with optional EnviroSense2 sensor
q
25 switched outlets (24 5-15/20R & 1 L5-30R)
q
2U horizontal rackmount form factor; 11.9 in. / 30.2cm depth
q
Set of two 10-ft. / (3.05 m) NEMA L5-30P input line cords enable separate PRIMARY and
SECONDARY input connections
q
ATS circuits normally maintain output sourced from the primary input cable; As primary input power fails
or becomes unstable, the ATS will switch to maintain output sourced from the secondary input cable
until power on the primary input is restored and stable
q
Highly reliable solid-state switching enables fast 1-5 millisecond trasfer between primary and secondary
inputs
q
ATS configurations enable fault-tolerant, hot-swappable UPS protection when used with a single UPS
and fully redundant UPS protection when each cord is connected to a separate UPS system (in a two-
UPS environment, the primary input cable must be supported by an online UPS with zero transfer time
similar to Tripp Lite SmartOnline series)
q
Advanced ATS configurations utilizing separate mains circuits, backup generators and even separate
q
Highlights
Single phase 30A 120V Auto
Transfer Switch / ATS PDU;
Highly reliable Solid State
Switching
q
Enables redundant A/B power
option for non-redundant
network devices
q
Built-in LX Platform Network
Interface
q
2U rackmount, 2 L5-30P inputs,
25 switched outlets (24 5-
15/20R, 1 L5-30R)
q
Individually switched outlets and
built-in network interface
enables remote control and
monitoring
q
Digital meter reports voltage,
kW load level and output
amperage in 4 load segments
q
TAA Compliant
q
To enable the Auto Probe
feature, this product requires LX
firmware update 15.5.2 or later
to be installed
q
Package Includes
ATS / Switched PDU with two
L5-30P inputs
q
Installable 2U mounting
brackets
q
Operating manual
q
1 / 4


Similar Part No. - PDUMH30ATNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH30AT TRIPPLITE-PDUMH30AT Datasheet
171Kb / 4P
2.9kW Single-Phase Metered Automatic Transfer Switch PDU, 2 120V L5-30P Inputs, 24 5-15/20R & 1 L5-30R Outputs, 2U, TAA
More results

Similar Description - PDUMH30ATNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU2430 TRIPPLITE-PDU2430_15 Datasheet
473Kb / 3P
2.9kW Single-Phase Basic PDU, 120V Outlets (245-15R), L5-30P, 15ft Cord, 1U Rack-Mount
PDUMH30 TRIPPLITE-PDUMH30 Datasheet
159Kb / 3P
2.9kW Single-Phase Metered PDU, 120V Outlets (12 5-15/20R), L5-30P, 15ft Cord, 1U Rack-Mount
PDUMH30AT TRIPPLITE-PDUMH30AT Datasheet
171Kb / 4P
2.9kW Single-Phase Metered Automatic Transfer Switch PDU, 2 120V L5-30P Inputs, 24 5-15/20R & 1 L5-30R Outputs, 2U, TAA
PDUMV30 TRIPPLITE-PDUMV30 Datasheet
153Kb / 3P
2.9kW Single-Phase Metered PDU, 120V Outlets (24 5-15/20R), L5-30P, 10ft Cord, 0U Vertical
PDUMH20NET2 TRIPPLITE-PDUMH20NET2 Datasheet
163Kb / 4P
1.9kW Single-Phase Switched PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDUMH30HVAT TRIPPLITE-PDUMH30HVAT Datasheet
164Kb / 3P
5.8kW Single-Phase Metered Automatic Transfer Switch PDU, 2 208/240V L6-30P Cords, 16-C13 2-C19 & 1 L6-30R Outlet, 2U, TAA
PDUMNV30 TRIPPLITE-PDUMNV30 Datasheet
170Kb / 4P
2.9kW Single-Phase Monitored PDU, 120V Outlets (24 5-15/20R), L5-30P, 10ft Cord, 0U Vertical, TAA
PDUMNV30LX TRIPPLITE-PDUMNV30LX Datasheet
178Kb / 4P
2.9kW Single-Phase Monitored PDU with LX Platform Interface, 120V Outlets (24 5-15/20R), L5-30P Plug, 0U Vertical, TAA
PDUMV30NETLX TRIPPLITE-PDUMV30NETLX Datasheet
184Kb / 4P
2.9kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (24 5-15/20R), 10 ft. Cord with L5-30P, 0U, TAA
PDUMH30HVATNET TRIPPLITE-PDUMH30HVATNET Datasheet
166Kb / 4P
5.8kW Single-Phase Switched Automatic Transfer Switch PDU, 2 208/240V L6-30P Cords, 16-C13 2-C19 & 1 L6-30R Outlet, 2U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com