Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV30HVNET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMV30HVNET
Description  5/5.8kW Single-Phase Switched PDU, 208/240V Outlets (20-C13 and 4-C19), L6-30P, 10ft Cord, 0U Vertical, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV30HVNET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMV30HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV30HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV30HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV30HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
In-rack environmental reporting with optional ENVIROSENSE temperature / humidity sensor and rack
access notification with up to 4 optional SRSWITCH door sensors
q
DHCP/Manual configuration support
q
10/100 Mbps auto-sensing
q
Real-time clock backup maintains the time of day and date even if the PDU is not powered on
q
Tiered access privileges allow an administrator and a guest to login via web browser
q
Alert notifications via email or SNMP traps offer immediate event notification
q
Firmware upgrade ability supports future product enhancements
q
Supports HTTP, HTTPS, PowerAlert Network Management System, SMTP, SNMPv1, SNMPv2,
SNMPv3, Telnet, SSH, FTP, DHCP, BOOTP, NTP protocols
q
Fully compatible with FREE PowerAlert Network Management System / NMS Software
q
Included cord retention brackets
q
Toolless mounting supported in button-mount compatible racks
q
Included PDUMVROTATEBRKT enables space saving toolless installation in button-mount compatible
racks with PDU outlets facing the rear
q
Federal Trade Agreements Act / TAA Compliant for GSA Schedule purchases
q
OVERVIEW
UPC Code
037332139740
PDU Type
Switched
INPUT
Recommended Electrical Service
30A 208/240V
Maximum Input Amps
30
Maximum Input Amps Details
Agency de-rated to 24A continuous
PDU Plug Type
NEMA L6-30P
Input Phase
Single-Phase
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
OUTPUT
Output Capacity Details
5.8kW (240V), 5kW (208V), 4.8kW (200V) total capacity / 30A max (Agency de-rated to 24A), 20A max per
breakered outlet bank; 16A max per C19 outlet; 12A max per C13 outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(20) C13; (4) C19
Output Nominal Voltage
200; 208; 240
Overload Protection
Two 20A breakers protect 12 outlets each
Customized Load Management
Receptacles
Each outlet is individually controllable via remote interface
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com