Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV30HVNET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMV30HVNET
Description  5/5.8kW Single-Phase Switched PDU, 208/240V Outlets (20-C13 and 4-C19), L6-30P, 10ft Cord, 0U Vertical, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV30HVNET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMV30HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV30HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV30HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV30HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5/5.8kW Single-Phase Switched PDU, 208/240V
Outlets (20-C13 and 4-C19), L6-30P, 10ft Cord, 0U
Vertical, TAA
MODEL NUMBER: PDUMV30HVNET
Description
Tripp Lite Switched PDU / Power Distribution Unit offers advanced network control and monitoring with the
ability to turn on, turn off, recycle or lock-out power to each individual receptacle, monitor site electrical
conditions and remotely monitor output power consumption. PowerAlert interface supports remote control
and custom notification of user-specified conditions via email, secure web, SNMP, Telnet or SSH
interface. Individually switched outlets can be controlled in real-time to remotely reboot unresponsive
network hardware, or be custom programmed for user-defined power-up and power-down sequences to
ensure proper startup of interdependent IT systems and prevent inrush-related overloads as network
equipment is first energized. Unused PDU outlets can be electronically locked off to prevent the
connection of unauthorized hardware. PDU output current consumption in amps is displayed locally via
visual meter and remotely via web/network interface to warn of potential overloads before critical IT mains
or branch breakers trip.
Features
208/240V Switched PDU with built-in web/network interface in 0U 70 inch / 178cm vertical rackmount
form factor; 30A maximum capacity (agency de-rated to 24 amps)
q
10 ft. / 3m cord with L6-30P input plug
q
24 switched outlets (20 C13; 4 C19)
q
Supports power-on, power-off or reboot of each outlet on a real-time or programmable basis
q
Enables reboot of locked equipment, custom power-on/power-off sequences, load-shedding of optional
loads and disabling unused outlets
q
Network interface provides PDU control and data regarding input voltage, frequency and loading
information
q
Digital display reports output load in amps in 3 segments (load bank 1, load bank 2, total)
q
Display also supports IP-address self-identification and 180 degree display rotation
q
Supports user-specified alarm notification thresholds
q
Highlights
Switched 30A 208/240V PDU;
70in / 178cm 0u Vertical
Rackmount
q
Reports voltage, frequency &
loading information via ethernet
interface
q
Visual current meter; Toolless
button mount installation
q
10ft / 3m cord with L6-30P input
plug
q
24 switched outlets (20 C13, 4
C19); cord retention brackets
q
Temperature, humidity and
contact-closure monitoring
options
q
TAA Compliant
q
Package Includes
Rackmount PDU
q
Rack mounting brackets
q
Owner's manual
q
PDUMVROTATEBRKT
mounting accessory
q
1 / 4


Similar Part No. - PDUMV30HVNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results

Similar Description - PDUMV30HVNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU3VN10L153TAA TRIPPLITE-PDU3VN10L153TAA Datasheet
530Kb / 3P
TAA-Compliant 8.6kW 3-Phase Monitored PDU,208V Outlets (30-C13 and 6-C19), L15-30P, 10ft Cord,0U Vertical
PDUMNH30HV TRIPPLITE-PDUMNH30HV Datasheet
169Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (12-C13 and 4-C19), L6-30P, 12ft Cord, 2U Rack-Mount, TAA
PDUMV30HV2 TRIPPLITE-PDUMV30HV2 Datasheet
148Kb / 3P
5.8kW Single-Phase Metered PDU, 208/240V Outlets (8 C19 and 40 C13), L6-30P, 10 ft. (3.05 m) Cord, 0U Vertical, TAA, 70 in.
PDU3VSR6L1530 TRIPPLITE-PDU3VSR6L1530 Datasheet
166Kb / 4P
10kW 3-Phase Switched PDU, 200/208/240V Outlets (24-C13, 6-C19), L15-30P, 6ft Cord, 0U Vertical, TAA
PDUMH30HV TRIPPLITE-PDUMH30HV Datasheet
165Kb / 3P
5.8kW Single-Phase Metered PDU, 208/240V Outlets (16 C13 & 2 C19), L6-30P, 12 ft. (3.66 m) Cord, 2U Rack-Mount, TAA
PDUMVR30HVNETLX TRIPPLITE-PDUMVR30HVNETLX Datasheet
186Kb / 4P
5/5.8kW Single-Phase Switched PDU, Outlet Monitoring, 208/240V Outlets (20 C13 & 4 C19), 0U, LX Platform Interface, TAA
PDUMH30HVATNET TRIPPLITE-PDUMH30HVATNET Datasheet
166Kb / 4P
5.8kW Single-Phase Switched Automatic Transfer Switch PDU, 2 208/240V L6-30P Cords, 16-C13 2-C19 & 1 L6-30R Outlet, 2U, TAA
PDUMNV30HV2LX TRIPPLITE-PDUMNV30HV2LX Datasheet
188Kb / 4P
5/5.8kW Single-Phase Monitored PDU, LX Interface, 208/240V Outlets (36 C13/6 C19), L6-30P, 10 ft. Cord, 0U 1.8m/70 in. Height, TAA
PDUMNV30HVLX TRIPPLITE-PDUMNV30HVLX Datasheet
185Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com