Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV30HVNET Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMV30HVNET
Description  5/5.8kW Single-Phase Switched PDU, 208/240V Outlets (20-C13 and 4-C19), L6-30P, 10ft Cord, 0U Vertical, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV30HVNET Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMV30HVNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV30HVNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV30HVNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV30HVNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports output amps in 3 separately metered loading segments (BANK 1: Outlets #1-12; BANK 2:
Outlets #13-24; BANK 3: All outlets combined)
Front Panel LEDs
24 power availability LEDs confirm power off/on status for each built-in outlet
Switches
Pushbutton scroll button enables local power consumption display of each load bank, display rotate and display IP
address functions
SURGE / NOISE SUPPRESSION
Automatic Shut-Off
No
PHYSICAL
Form Factors Supported
0U vertical rackmount. Includes mounting brackets. Supports toolless mounting in button-mount compatible racks
PDU Form Factor
Vertical (0U)
Shipping Dimensions (hwd / cm)
12.70 x 15.75 x 185.42
Shipping Dimensions (hwd / in.)
5.00 x 6.20 x 73.00
Shipping Weight (kg)
7.08
Shipping Weight (lbs.)
15.60
Unit Dimensions (hwd / in.)
70 x 2.19 x 2.65
Unit Dimensions (hwd / cm)
177.8 x 5.6 x 6.7
Unit Weight (lbs.)
11.5
Unit Weight (kg)
5.22
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
Operating Elevation (ft.)
0-10,000
Operating Elevation (m)
0-3000
COMMUNICATIONS
PowerAlert Software
SNMPWEBCARD Interface: PowerAlert 12
Communications Cable
RJ45-to-DB9 configuration/console Access cable
SNMP Compatibility
Yes, pre-installed &nbsp;<a class="productLink" href="//www.tripplite.com/SNMP-Web-Management-Accessory-
Card-SmartPro-SmartOnline-UPS-Systems~SNMPWEBCARD">SNMPWEBCARD</a>&nbsp; provides remote
monitoring via web, telnet, and SNMP management systems. Remote management gives user ability to turn
connected loads on or off individually
Network Compatibility
10 Mbps; 100 Mbps (Fast Ethernet)
STANDARDS & COMPLIANCE
Certifications
Tested to UL 60950-1 (USA, Canada), Class A (Emissions), NOM (Mexico), RoHS compliant, TAA Compliant
Certification Details
Series Number(s) AGPD7898
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com