Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMVR30HVNETLX Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMVR30HVNETLX
Description  5/5.8kW Single-Phase Switched PDU, Outlet Monitoring, 208/240V Outlets (20 C13 & 4 C19), 0U, LX Platform Interface, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMVR30HVNETLX Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMVR30HVNETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMVR30HVNETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMVR30HVNETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMVR30HVNETLX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Digital Load MeterReports load levels for each bank, both banks combined and each outletSupports IP-
address self-IDRotates 180° for easy reading at all angles
Outlet-Level Current MonitoringMonitors power consumption for each individual outlet remotely or via
digital displayTracks current power usage trends per device or input cord
Advanced Network MonitoringBuilt-in LX Platform interface allows full remote access for power
monitoring, configuration, control and email notifications via secure web browser, SNMP, telnet or SSHNo
Java requiredAutomated alerts help prevent accidental overloads, power loss and downtimeOptional
EnviroSense2 modules (sold separately) provide a variety of environmental monitoring capabilities
Broad Communications CompatibilitySupports HTTP, HTTPS, PowerAlert, SMTP, SNMPv1, SNMPv2,
SNMPv3, telnet, SSH, FTP, DHCP and NTPSupports automatic and manual assignment of IP address
Reduce Service Calls with Auto Probe Autonomous Device ManagementThe Auto Probe feature
(Firmware 15.5.2 and greater) checks the connectivity status of any networked device and automatically
takes one or more user-configured actions if the device fails to respond; actions include outlet reboot, set
SNMP traps, SNMP OID sets, and even script execution when used in conjunction with the Tripp Lite
PowerAlert Network Shutdown Agent (PANSA)
Easy 0U Installation in EIA-Standard 19 in. RacksMounts vertically using included toolless buttons or
rack-mounting bracketsIncluded PDUMVROTATEBRKT allows mounting with rear-facing outletsPlug-lock
inserts prevent cables from becoming accidentally disconnected
TAA-CompliantCompliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
OVERVIEW
UPC Code
037332202840
PDU Type
Switched
INPUT
PDU Input Voltage
200; 208; 240
Recommended Electrical Service
30A 208/240V
Maximum Input Amps
30
Maximum Input Amps Details
Agency de-rated to 24A continuous
PDU Plug Type
NEMA L6-30P
Input Phase
Single-Phase
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
OUTPUT
Output Capacity Details
5.8kW (240V), 5kW (208V), 4.8kW (200V) total capacity / 30A max (Agency de-rated to 24A), 20A max per
breakered outlet bank; 16A max per C19 outlet; 12A max per C13 outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(20) C13; (4) C19
Output Nominal Voltage
200; 208; 240
Overload Protection
Two 20A breakers protect 12 outlets each
Customized Load Management
Receptacles
Each outlet is individually controllable via remote interface
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com