Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMVR30HVNETLX Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMVR30HVNETLX
Description  5/5.8kW Single-Phase Switched PDU, Outlet Monitoring, 208/240V Outlets (20 C13 & 4 C19), 0U, LX Platform Interface, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMVR30HVNETLX Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMVR30HVNETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMVR30HVNETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMVR30HVNETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMVR30HVNETLX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports load level in amps for LOAD BANK 1 (Outlets 1-12), LOAD BANK 2 (Outlets 13-24), LOAD
BANKS 1&2 COMBINED (Outlets 1-24) and each individual output receptacle; Digital display can also be used to
scroll the configured IP address
Front Panel LEDs
BANK 1 and BANK 2 LEDs verify which load bank the digital current display is reporting (Bank 1, Bank 2 or Banks
1&2 Combined); BANK 1 or BANK 2 LED will flash when the digital display is reporting output current for one of the
outlets in that load bank; 24 additional LEDs, one near each output receptacle, will light continuously to verify power
on/off status and flash to indicate that the digital display is reporting output current for just that individual receptacle.
Network Link/Activity Status LED (Yellow), Network Speed LED (Green); LX Platform status LED (Green)
Switches
SELECT OUTLET and SELECT BANK switches advance the LCD screen and associated LED to display power
consumption for individual output receptacles and output load banks; Press and hold the SELECT BANK button for 4
seconds to rotate the digital display 90 degrees for overhead power input; Press and hold the SELECT OUTLET
button for 4 seconds to scroll the configured IP address. LX Platform Interface: Recessed reset switch for interface
reboot and factory reset
Current Measurement Accuracy
(Amps)
+/-1%
Voltage Measurement Accuracy
(Volts)
+/-1%
Power Measurement Accuracy
(Watts)
+/-1%
PHYSICAL
Form Factors Supported
0U vertical rackmount; includes rackmount brackets. Supports toolless mounting in button-mount compatible racks
PDU Form Factor
Vertical (0U)
Shipping Dimensions (hwd / cm)
13.72 x 17.27 x 193.29
Shipping Dimensions (hwd / in.)
5.40 x 6.80 x 76.10
Shipping Weight (kg)
7.48
Shipping Weight (lbs.)
16.50
Unit Dimensions (hwd / cm)
178 x 5.6 x 6.6
Unit Dimensions (hwd / in.)
70 x 2.2 x 2.6
Unit Weight (kg)
5.44
Unit Weight (lbs.)
12
ENVIRONMENTAL
Storage Temperature Range
-30°C to +50°C (-22°F to +122°F)
Relative Humidity
5 to 95% non-condensing
COMMUNICATIONS
Network Monitoring Port
RJ45 Network port, RJ45 Config/Console Access port; USB A port supports a variety of Envirosense2 environmental
and control modules. See Accessories>Management Hardware section for more information about these modules.
SNMP Compatibility
Pre-installed LX platform interface provides remote monitoring via Java-free HTML5 web interface, telnet, SSH, CLI
and SNMP management systems
SPECIAL FEATURES
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com