Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMVR30HVNETLX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMVR30HVNETLX
Description  5/5.8kW Single-Phase Switched PDU, Outlet Monitoring, 208/240V Outlets (20 C13 & 4 C19), 0U, LX Platform Interface, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMVR30HVNETLX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMVR30HVNETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMVR30HVNETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMVR30HVNETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMVR30HVNETLX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5/5.8kW Single-Phase Switched PDU, Outlet
Monitoring, 208/240V Outlets (20 C13 & 4 C19),
0U, LX Platform Interface, TAA
MODEL NUMBER: PDUMVR30HVNETLX
Efficient, cost-effective 5/5.8kW PDU distributes, monitors and manages single-phase power in an IT or
industrial environment. Built-in Ethernet interface helps monitor load levels to prevent overloads that
cause downtime.
Description
The PDUMVR30HVNETLX 5/5.8kW Single-Phase Switched PDU provides advanced network control and
remote power monitoring with the ability to turn on, turn off, reboot or lock out power to each outlet.
Recommended for any IT or industrial application, it features 24 switched outlets (20 C13 and 4 C19).
LEDs indicate each outlet’s on/off power status, and you can monitor each outlet’s power consumption
remotely or via digital display. A 10-foot cord with NEMA L6-30P plug connects the PDU to a compatible
AC power source, generator or protected UPS.
The built-in Java-free HTML5-based LX Platform interface enables full remote access for power
monitoring, configuration, control and email notifications via secure web browser, SNMP, telnet or SSH. It
supports 10/100 Mbps auto-sensing for optimum communication with an Ethernet network. Optional
EnviroSense2 modules (sold separately) provide a variety of environmental monitoring capabilities.
Protocols supported include HTTP, HTTPS, SMTP, SNMPv1, SNMPv2c, SNMPv3, Telnet, SSH, CLI,
FTP, DHCP and NTP.
A digital LED meter allows you to monitor each bank’s load in real time to ensure the
PDUMVR30HVNETLX is used at maximum capacity with no danger of overload. The PDU mounts in 0U
of space in EIA-standard 19-inch racks using the included toolless mounting buttons or the included rack-
mounting brackets. Use the included PDUMVROTATEBRKT kit to install the unit with outlets facing the
rear for better airflow or equipment access.
Features
Distributes Network-Grade Single-Phase Power5/5.8kW 208/240V 30A switched PDU with single-
phase input/outputRecommended for network applications requiring individual outlet control, load
shedding and remote monitoring of critical network componentsNEMA L6-30P with 10 ft. cord connects to
compatible AC power source
24 Switched Outlets Distribute AC Power20 C13 and 4 C19 outlets split into 2 separate load
banksOutlets can be remotely controlled to power up, power down, reboot or lock out unresponsive
devicesFront-panel LEDs indicate outlets’ power statusCurrent monitoring provides 1% billing grade
accuracy
Highlights
5/5.8kW 208/240V 30A switched
PDU
q
24 switched outlets—20 C13, 4
C19
q
Ethernet network interface for
remote outlet access 24/7
q
Digital meter for load monitoring
in real time
q
Monitors power consumption of
individual outlets
q
To enable the Auto Probe
feature, this product requires LX
firmware update 15.5.2 or later
to be installed
q
Package Includes
PDUMVR30HVNETLX 5/5.8kW
Single-Phase Switched PDU
q
Configuration cable
q
(20) C13 plug-lock inserts
q
(4) C19 plug-lock inserts
q
(2) 90° PDU rotation brackets
q
Additional button mounts
q
Owner’s manual
q
1 / 4


Similar Part No. - PDUMVR30HVNETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMVROTATEBRKT TRIPPLITE-PDUMVROTATEBRKT Datasheet
153Kb / 2P
Bracket Accessory - enables Vertical PDU Installation with Rear-Facing Outlets
More results

Similar Description - PDUMVR30HVNETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMNV20HVLX TRIPPLITE-PDUMNV20HVLX Datasheet
184Kb / 4P
3.3??.7kW Single-Phase Monitored PDU, LX Platform Interface, 208/230V Outlets (20 C13/4 C19), C20/L6-20P, 0U 1.8m/70 in., TAA
PDUMV20HVNETLX TRIPPLITE-PDUMV20HVNETLX Datasheet
176Kb / 4P
3.2??.8kW Single-Phase Switched PDU with LX Platform Interface, 200??40V Outlets (20 C13 & 4 C19), C20/L6-20P, 0U, TAA
PDUMNH30HV TRIPPLITE-PDUMNH30HV Datasheet
169Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (12-C13 and 4-C19), L6-30P, 12ft Cord, 2U Rack-Mount, TAA
PDU3EVN6H50BA TRIPPLITE-PDU3EVN6H50BA Datasheet
171Kb / 3P
14.5kW 3-Phase Monitored PDU - LX Platform, 30 C13 & 12 C19 Outlets (208/240V), Hubbell CS8365C, 0U, TAA
PDU3EVSR6H50A TRIPPLITE-PDU3EVSR6H50A Datasheet
177Kb / 4P
14.4kW 3-Phase Switched PDU - 6 C13 & 12 C19 Outlets, Hubbell 50A CS8365C, 0U, Outlet Monitoring, TAA
PDUMV30HVNET TRIPPLITE-PDUMV30HVNET Datasheet
166Kb / 4P
5/5.8kW Single-Phase Switched PDU, 208/240V Outlets (20-C13 and 4-C19), L6-30P, 10ft Cord, 0U Vertical, TAA
PDUMH30HV19NET TRIPPLITE-PDUMH30HV19NET Datasheet
165Kb / 4P
5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (8 C13 & 6 C19), L6-30P input, 15 ft. (4.57 m) Cord, 2U Rack-Mount, TAA
PDUMNV30HV2LX TRIPPLITE-PDUMNV30HV2LX Datasheet
188Kb / 4P
5/5.8kW Single-Phase Monitored PDU, LX Interface, 208/240V Outlets (36 C13/6 C19), L6-30P, 10 ft. Cord, 0U 1.8m/70 in. Height, TAA
PDUMNV30HVLX TRIPPLITE-PDUMNV30HVLX Datasheet
185Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com