Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLSRK1000-TO Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVLSRK1000-TO
Description  SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSRK1000-TO Datasheet(HTML) 1 Page - STMicroelectronics

  EVLSRK1000-TO Datasheet HTML 1Page - STMicroelectronics EVLSRK1000-TO Datasheet HTML 2Page - STMicroelectronics EVLSRK1000-TO Datasheet HTML 3Page - STMicroelectronics EVLSRK1000-TO Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
19 October 2018
DB3468 Rev 1
1/4
EVLSRK1000-TO
SRK1000 adaptive synchronous rectification controller for flyback
converter demonstration board with STF80N10F7
Data brief
Features
 Synchronous rectifier for flyback converter,
with fixed turn-on and adaptive turn-off
 VCC range: 3.5 V to 32 V
 DVS max. operating voltage 90 V
 Max. frequency: 500 kHz
 Internal gate drive for N-channel MOSFET
 SR MOSFET type: STF80N10F7
(100 V - 10 mΩ) TO220FP
Description
The EVLSRK1000-TO is a demonstration board,
designed for evaluation of the SRK1000
synchronous rectification controller.
The SRK1000 implements a control scheme
specific for secondary-side synchronous
rectification in flyback converters and provides
high-current gate-drive outputs for driving the N-
channel power MOSFET.
The device can operate both in quasi-resonant
applications and in fixed frequency (FF) mixed
DCM-CCM applications. The board is provided
with a setting suitable for QR applications. To use
in FF applications, a 100 pF capacitor needs to be
added in C4. A 68 kΩ resistor (R5) is provided on
the TON pin that fixes the blanking after the turn-
on to about 0.8 μs.
The board includes the SR MOSFET (TO220FP
package) and can be easily implemented into an
existing converter to substitute rectifier diodes.
www.st.com


Similar Part No. - EVLSRK1000-TO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLSRK1000-PF STMICROELECTRONICS-EVLSRK1000-PF Datasheet
189Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
More results

Similar Description - EVLSRK1000-TO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK2001 STMICROELECTRONICS-SRK2001 Datasheet
446Kb / 22P
Adaptive synchronous rectification controller for LLC resonant converter
12-May-2015
EVLSRK1000-PF STMICROELECTRONICS-EVLSRK1000-PF Datasheet
189Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000A-PF STMICROELECTRONICS-EVLSRK1000A-PF Datasheet
190Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000A-TO STMICROELECTRONICS-EVLSRK1000A-TO Datasheet
200Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000B-PF STMICROELECTRONICS-EVLSRK1000B-PF Datasheet
190Kb / 4P
SRK1000B adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000B-TO STMICROELECTRONICS-EVLSRK1000B-TO Datasheet
198Kb / 4P
SRK1000B adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1001-PF STMICROELECTRONICS-EVLSRK1001-PF Datasheet
272Kb / 4P
SRK1001 adaptive synchronous rectification controller for flyback converter demonstration board with SR MOSFET
30-Oct-2019
EVLSRK1001-TO STMICROELECTRONICS-EVLSRK1001-TO Datasheet
2Mb / 4P
SRK1001 adaptive synchronous rectification controller for flyback converter demonstration board with SR MOSFET
30-Oct-2019
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
SRK1001 STMICROELECTRONICS-SRK1001 Datasheet
605Kb / 27P
Adaptive synchronous rectification controller for flyback converter
29-Nov-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com