Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPMIC1
Description  Evaluation board for high integration STPMIC1x power management IC for microprocessor units
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 3 Page - STMicroelectronics

  STPMIC1 Datasheet HTML 1Page - STMicroelectronics STPMIC1 Datasheet HTML 2Page - STMicroelectronics STPMIC1 Datasheet HTML 3Page - STMicroelectronics STPMIC1 Datasheet HTML 4Page - STMicroelectronics STPMIC1 Datasheet HTML 5Page - STMicroelectronics STPMIC1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1
Schematic diagrams
Figure 1. STEVAL-PMIC1K1 board schematic
J2
VOTG
B3
WAKEUP
Vout_OTG
2
1
H2
2
1
H13
1
2
2
1
AGND
VBUCK_2
2
1
H6
6
5
4
3
2
1
VBAT
J3
100µF
C7
1k
R1
AGND
VBUCK_4
VBUCK_2
H15
AGND
2
1
H11
2
1
H1
H17
3
2
1
AGND
D1
VBAT
AGND
AGND
VBUCK_1
FB2
B1
RESET
2
1
2
1
H9
AGND
1
2
H16
H19
B2
PONKEY
Vout_SW
AGND
VSW
VBAT
VREF
VLDO_1
600zDNP
FB1
2K2
R5
AGND
VBUCK_1
VBUCK_4
VLDO_1
VLDO_2
VLDO_3
VLDO_4
VLDO_5
VLDO_6
VREF
VBUCK_2
J4
H21
VBUCK_3
AGND
VLDO_4
AGND
AGND
VBUCK_3
VOTG
2
1
H20
J1
AGND
VLDO_2
SWIN_ext
VBAT
2
1
H18
H10
1
2
AGND
VLDO_5
1
2
H7
600zDNP
2
1
H8
SWIN_ext
AGND
VIN
Vout_BK2
LDO3_IN
Vout_BK3
VIO
Vout_BOOST
SWIN
WAKEUP
RST_N
PONKEY_N
PWRCTRL
INT_N
SCL
SDA
Vout_LDO1
Vout_LDO2
Vout_LDO3
Vout_LDO4
Vout_LDO5
Vout_LDO6
Vout_VREF
AGND
VLDO_3
AGND
H12
VIO_ext
AGND
AGND
AGND
VIO_ext
AGND
VLDO_6
AGND
VBUCK_3
VSW
VBAT
J5
H5
2
1
Vout_BK1
Vout_BK4
2
1
H14
AGND
AGND
STPMIC1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com