Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPMIC1
Description  Evaluation board for high integration STPMIC1x power management IC for microprocessor units
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 4 Page - STMicroelectronics

  STPMIC1 Datasheet HTML 1Page - STMicroelectronics STPMIC1 Datasheet HTML 2Page - STMicroelectronics STPMIC1 Datasheet HTML 3Page - STMicroelectronics STPMIC1 Datasheet HTML 4Page - STMicroelectronics STPMIC1 Datasheet HTML 5Page - STMicroelectronics STPMIC1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 2. STEVAL-PMIC1K1 power management IC schematic
AGND
INT_LDO
10
PGND
VREF
16
VOUT_3
31
AGND
10uF
C22
VLX_4
25
Voltage Sensing
30
4.7uF
C29
AGND
1uF
C26
LX5
2K2
R3
WAKEUP
PONKEY_N
INT_N
43
Voltage Sensing
AGND
12
22uF
C19
P
26
32
GND
Vout_BK3
VIO
SCL
BUCK2_IN
28
PWRCTRL
44
37
SW_IN
Voltage Sensing
PONKEY_N
RST_N
Vout_LDO3
PWRCTRL
2K2
R4
Vout_BK4
4.7uF
C33
AGND
6
PGND
INT_N
2
P
P
GND
GND
SW_OUT
38
7
VLX_1
11
VLX_2
AGND
LDO2_OUT
18
Voltage Sensing
IC1
STPMIC1
SDA
1uF
C37
4.7uF
C34
AGND
Vout_SW
AGND
4.7uF
C39
1.0uH
LX3
AGND
AGND
Vout_LDO6
Vout_BOOST
17
10uF
C24
SWIN
BST_OUT
34
SCL
4
10K
R2
VOUT_2
9
14
LDO3_OUT
Voltage Sensing
220uF
C38
Voltage Sensing
4.7uF
C35
Voltage Sensing
AGND
WAKEUP
AGND
AGND
AGND
AGND
Voltage Sensing
AGND
10uF
C16
AGND
41
AGND
39
LDO4_OUT
AGND
13
24
BUCK4_IN
AGND
Vout_BK1
LX1
22uF
C23
Voltage Sensing
Voltage Sensing
LX4
AGND
4.7uF
C36
1.0uH
AGND
VBUS_OTG
35
Vout_LDO4
LDO3_IN
VIN
10uF
C20
SDA
3
LDO16_IN
36
VIN
Voltage Sensing
10uF
C18
1.0uH
LX2
Vout_VREF
20
LDO5_OUT
AGND
4.7uF
C32
22uF
C17
22uF
C21
4.7uF
C27
29
VLX_3
1uF
C28
Vout_BK2
VLX_BST
33
Voltage Sensing
VOUT_1
5
Voltage Sensing
VIO
42
LDO25_IN
22
22uF
C25
LDO6_OUT
21
Vout_OTG
GNDLDO
15
23
LDO1_OUT
AGND
BUCK3_IN
19
Vout_LDO5
VOUT_4
27
10uF
C30
8
BUCK1_IN
AGND
AGND
Vout_LDO1
Vout_LDO2
RST_N
1
40
1.0uH
Voltage Sensing
10uF
C31
LDO3_IN
45
EXPPAD
1.0uH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com