Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPMIC1
Description  Evaluation board for high integration STPMIC1x power management IC for microprocessor units
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 1 Page - STMicroelectronics

  STPMIC1 Datasheet HTML 1Page - STMicroelectronics STPMIC1 Datasheet HTML 2Page - STMicroelectronics STPMIC1 Datasheet HTML 3Page - STMicroelectronics STPMIC1 Datasheet HTML 4Page - STMicroelectronics STPMIC1 Datasheet HTML 5Page - STMicroelectronics STPMIC1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Single device MPU supply solution embedding:
5 LDOs
5 high efficiency DC/DC converters
1 termination for DDR memory
1 voltage reference for DDR memory
2 power switches
Programmable voltage outputs and protection parameters
Programmable power-on and power-off sequences
Single supply input from 3.1 V to 5.5 V
I²C control and non-volatile memory configuration storage
Description
The STEVAL-PMIC1K1 is a power management IC evaluation board for the highly
integrated STPMIC1, which is designed to manage the power requirements of the
core, memory and interfaces of the STM32MP1 series MPU and other application
microprocessors.
The package includes a USB dongle which provides I²C access to the configuration
registers of the STPMIC1 device, where voltage settings, power sequences,
protection thresholds and other parameters can be set.
The evaluation board includes header connectors for external access to the
embedded regulators and switches in the device, as well as internal routing via
jumpers to satisfy any physical configuration requirements.
The passive components on the board are chosen for optimal performance across
most use conditions, and three push buttons and digital I/Os allow triggering of the
digital controls of the device.
Product summary
evaluation board for
the STPMIC1x high
integration power
management IC for
MPUs
STEVAL-
PMIC1K1
14 output rail PMIC 4
Adjustable Constant
ON Time (COT) Buck
SMPS converters
BOOST with Bypass,
LDO for Memory
Power Supply
STPMIC1
graphical user
interface to configure
STPMIC1 device
registers via I²C
interface
STSW-PMIC1GUI
Evaluation board for high integration STPMIC1x power management IC for
microprocessor units
STEVAL-PMIC1K1
Data brief
DB4023 - Rev 1 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPMIC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STPMIC1APQR STMICROELECTRONICS-STPMIC1APQR Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STPMIC1BPQR STMICROELECTRONICS-STPMIC1BPQR Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STPMIC1CPQR STMICROELECTRONICS-STPMIC1CPQR Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
STPMIC1DPQR STMICROELECTRONICS-STPMIC1DPQR Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
More results

Similar Description - STPMIC1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
Evaluation Board for Microprocessor System Temperature Monitor
REV.B
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10
logo
Maxim Integrated Produc...
MAX1702B MAXIM-MAX1702B Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Panasonic Semiconductor
AN5150N PANASONIC-AN5150N Datasheet
162Kb / 4P
IC for TV Large Integration
logo
Richtek Technology Corp...
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
Power Management IC for SSD
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
Power Management IC for SSD
logo
Maxim Integrated Produc...
MAX1702BETX MAXIM-MAX1702BETX Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Monolithic Power System...
EV5416-R-00B MPS-EV5416-R-00B Datasheet
511Kb / 7P
5V Power Management IC Evaluation Board
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
logo
Silicon Mitus, Inc.
SM5007 SILICONMITUS-SM5007 Datasheet
645Kb / 2P
Power Management IC for IoT
March 2018 Rev1.0.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com