Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH30HV19NET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMH30HV19NET
Description  5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (8 C13 & 6 C19), L6-30P input, 15 ft. (4.57 m) Cord, 2U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH30HV19NET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMH30HV19NET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH30HV19NET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH30HV19NET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH30HV19NET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Firmware upgrade ability supports future product enhancements
q
Optional EnviroSense2 modules (sold separately) provide a variety of environmental monitoring
capabilities
q
Auto Probe feature (Firmware 15.5.2 and greater) checks the connectivity status of any networked
device and automatically takes one or more user-configured actions if the device fails to respond;
actions include outlet reboot, set SNMP traps, SNMP OID sets, and even script execution when used in
conjunction with the Tripp Lite PowerAlert Network Shutdown Agent (PANSA)
q
Mounting flanges support installation in 2 and 4 post racks, with additional support for wall-mount and
under-counter installation formats
q
Mounting ears are reversible for front or rear facing rackmount installation
q
Included cord retention brackets
q
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
q
OVERVIEW
UPC Code
037332153753
PDU Type
Switched
INPUT
PDU Input Voltage
200; 208; 240
Recommended Electrical Service
30A 208/240V
Maximum Input Amps
30.0
Maximum Input Amps Details
Agency de-rated to 24A continuous
PDU Plug Type
NEMA L6-30P
Input Phase
Single-Phase
Input Cord Length (ft.)
15
Input Cord Length (m)
4.57
OUTPUT
Output Capacity Details
5.8kW (240V), 5kW (208V), 4.8kW (200V) total capacity / 30A max (Agency de-rated to 24A), 20A max per
breakered outlet bank; 16A max per C19 outlet; 12A max per C13 outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(8) C13; (6) C19
Output Nominal Voltage
200; 208; 240
Overload Protection
3 20A circuit breakers; Breaker 1 (Bank 1 C13 outlets #1-8), Breaker 2 (Bank 2 C19 outlets #9-11), Breaker 3 (Bank
2 C19 outlets #12-14)
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com