Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH30HV19NET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMH30HV19NET
Description  5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (8 C13 & 6 C19), L6-30P input, 15 ft. (4.57 m) Cord, 2U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH30HV19NET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMH30HV19NET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH30HV19NET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH30HV19NET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH30HV19NET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.8kW Single-Phase Switched PDU with LX
Platform Interface, 208/240V Outlets (8 C13 & 6
C19), L6-30P input, 15 ft. (4.57 m) Cord, 2U Rack-
Mount, TAA
MODEL NUMBER: PDUMH30HV19NET
Features
30A 208/240V Switched Power Distribution Unit / PDU with built-in web/network interface (Agency
derated to 24A continuous)
q
Attached L6-30P 208/240V single phase input, 15 ft. / 4.6m input cord
q
2U horizontal rackmount form factor
q
14 switched outlets (8 C13, 6 C19)
q
2U horizontal rackmount form factor
q
Supports power-on, power-off or reboot of each outlet on a real-time or programmable basis
q
Enables reboot of locked equipment, custom power-on/power-off sequences, load-shedding of optional
loads and disabling unused outlets
q
Network interface provides PDU control and data regarding input voltage and total output load level in
amps
q
Digital display continuously reports total output load level in amps
q
Supports user-specified alarm notification thresholds
q
LX Platform interface allows full remote access for power monitoring with email notifications via secure
web browser, SNMP, telnet or SSH
q
DHCP/Manual configuration support
q
10/100 Mbps auto-sensing
q
Real-time clock backup maintains the time of day and date even if the PDU is unpowered
q
Tiered access privileges allow an administrator and a guest to login via web browser
q
Alert notifications via email or SNMP traps offer immediate event notification
q
Highlights
5.8kW 208/240V Switched 30A
PDU, 2U rackmount, Reversible
housing
q
LX Platform network interface
enables remote control and
monitoring
q
Reports voltage, frequency and
load level; Front-panel digital
current meter
q
14 Switched outlets (8 C13, 6
C19) and 15ft./4.5m NEMA L6-
30P input cord
q
Federal Trade Agreements Act /
TAA Compliant for GSA
Schedule purchases
q
To enable the Auto Probe
feature, this product requires LX
firmware update 15.5.2 or later
to be installed
q
Package Includes
PDUMH30HV19NET with
attached L6-30P input power
cord
q
Installed WEBCARDLX network
interface
q
Installable 2U mounting
brackets
q
Configuration cable
q
User manual
q
1 / 4


Similar Part No. - PDUMH30HV19NET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH30HV TRIPPLITE-PDUMH30HV Datasheet
165Kb / 3P
5.8kW Single-Phase Metered PDU, 208/240V Outlets (16 C13 & 2 C19), L6-30P, 12 ft. (3.66 m) Cord, 2U Rack-Mount, TAA
PDUMH30HVAT TRIPPLITE-PDUMH30HVAT Datasheet
164Kb / 3P
5.8kW Single-Phase Metered Automatic Transfer Switch PDU, 2 208/240V L6-30P Cords, 16-C13 2-C19 & 1 L6-30R Outlet, 2U, TAA
PDUMH30HVATNET TRIPPLITE-PDUMH30HVATNET Datasheet
166Kb / 4P
5.8kW Single-Phase Switched Automatic Transfer Switch PDU, 2 208/240V L6-30P Cords, 16-C13 2-C19 & 1 L6-30R Outlet, 2U, TAA
More results

Similar Description - PDUMH30HV19NET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH20HVNET TRIPPLITE-PDUMH20HVNET Datasheet
163Kb / 4P
3.3-3.8kW Single-Phase Switched PDU, LX Platform Interface, 208/220/230/240V Outlets (8 C13), C20 / L6-20P input, 8ft Cord, 1U Rack-Mount, TAA
PDUMNH30HV TRIPPLITE-PDUMNH30HV Datasheet
169Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (12-C13 and 4-C19), L6-30P, 12ft Cord, 2U Rack-Mount, TAA
PDUMV30HV2 TRIPPLITE-PDUMV30HV2 Datasheet
148Kb / 3P
5.8kW Single-Phase Metered PDU, 208/240V Outlets (8 C19 and 40 C13), L6-30P, 10 ft. (3.05 m) Cord, 0U Vertical, TAA, 70 in.
PDUH30HV19 TRIPPLITE-PDUH30HV19 Datasheet
161Kb / 3P
5/5.8kW Single-Phase 208/240V Basic PDU, 4 C19 Outlets, NEMA L6-30P Input, 12 ft. (3.66 m) Cord, 1U Rack-Mount
PDUMH30HV TRIPPLITE-PDUMH30HV Datasheet
165Kb / 3P
5.8kW Single-Phase Metered PDU, 208/240V Outlets (16 C13 & 2 C19), L6-30P, 12 ft. (3.66 m) Cord, 2U Rack-Mount, TAA
PDUMV30HVNET TRIPPLITE-PDUMV30HVNET Datasheet
166Kb / 4P
5/5.8kW Single-Phase Switched PDU, 208/240V Outlets (20-C13 and 4-C19), L6-30P, 10ft Cord, 0U Vertical, TAA
PDUMVR30HVNETLX TRIPPLITE-PDUMVR30HVNETLX Datasheet
186Kb / 4P
5/5.8kW Single-Phase Switched PDU, Outlet Monitoring, 208/240V Outlets (20 C13 & 4 C19), 0U, LX Platform Interface, TAA
PDUMNV30HV2LX TRIPPLITE-PDUMNV30HV2LX Datasheet
188Kb / 4P
5/5.8kW Single-Phase Monitored PDU, LX Interface, 208/240V Outlets (36 C13/6 C19), L6-30P, 10 ft. Cord, 0U 1.8m/70 in. Height, TAA
PDUMNV30HVLX TRIPPLITE-PDUMNV30HVLX Datasheet
185Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com