Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH30HV19NET Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMH30HV19NET
Description  5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (8 C13 & 6 C19), L6-30P input, 15 ft. (4.57 m) Cord, 2U Rack-Mount, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH30HV19NET Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMH30HV19NET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH30HV19NET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH30HV19NET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH30HV19NET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Customized Load Management
Receptacles
Each outlet is individually controllable via remote interface
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
2 digit meter and pushbutton display toggle switch reports output current in amps in 3 loading segments, Bank 1
(C13 outlets #1-8), Bank 2 (C19 outlets #9-14) and Banks 1&2 combined (Outlets #1-14)
Front Panel LEDs
14 power availability LEDs confirm power off/on status for each built-in outlet; Two additional LEDs identify which
bank the visual current meter is reporting (Bank 1, Bank 2 or Banks 1&2 combined)
Switches
Pushbutton near the two digit current meter toggles reporting of output amps on Bank 1, Bank 2 and Total PDU
output (Banks 1 & 2 combined)
PHYSICAL
Form Factors Supported
2U rackmount
Material of Construction
Metal
Minimum Required Rack Depth (cm)
40.64
Minimum Required Rack Depth
(inches)
16
PDU Form Factor
Horizontal (2U)
Shipping Dimensions (hwd / cm)
19.81 x 42.93 x 50.80
Shipping Dimensions (hwd / in.)
7.80 x 16.90 x 20.00
Shipping Weight (kg)
8.07
Shipping Weight (lbs.)
17.80
Unit Dimensions (hwd / cm)
8.9 x 44.5 x 31.75
Unit Dimensions (hwd / in.)
3.5 x 17.5 x 12.5
Unit Weight (kg)
6.26
Unit Weight (lbs.)
13.80
ENVIRONMENTAL
Storage Temperature Range
-30°C to +50°C (-22°F to +122°F)
Relative Humidity
5-95% non-condensing
COMMUNICATIONS
SNMP Compatibility
Pre-installed LX platform interface provides remote monitoring via Java-free HTML5 web interface, telnet, SSH and
SNMP management systems
SPECIAL FEATURES
TVSS Grounding
Grounding lug
High Availability PDU Features
Auto Probe Monitoring and Reboot (included)
STANDARDS & COMPLIANCE
Certifications
Tested to UL 60950-1 (USA), CSA (Canada), Class A (Emissions), NOM (Mexico), RoHS compliant, TAA Compliant
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com