Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH30HVATNET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMH30HVATNET
Description  5.8kW Single-Phase Switched Automatic Transfer Switch PDU, 2 208/240V L6-30P Cords, 16-C13 2-C19 & 1 L6-30R Outlet, 2U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH30HVATNET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMH30HVATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH30HVATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH30HVATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH30HVATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Switched outlets and Ethernet interface supports individual outlet control on a real-time or
programmable basis and user-specified alarm notification thresholds for all reported site power
conditions
q
LX Platform interface allows full remote access for power monitoring with email notifications via secure
web browser, SNMP, telnet or SSH
q
Optional EnviroSense2 modules (sold separately) provide a variety of environmental monitoring
capabilities
q
Auto Probe feature (Firmware 15.5.2 and greater) checks the connectivity status of any networked
device and automatically takes one or more user-configured actions if the device fails to respond;
actions include outlet reboot, set SNMP traps, SNMP OID sets, and even script execution when used in
conjunction with the Tripp Lite PowerAlert Network Shutdown Agent (PANSA)
q
Outlets are factory programmed for sequential turn-on at 250 millisecond intervals when the PDU is first
energized to prevent inrush-related equipment interaction on startup
q
Front panel LED's confirm power availability on both input lines and for each output receptacle
q
Includes IEC plug retention sleeves to keep vital network equipment plugged in and continuously
powered
q
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
q
OVERVIEW
UPC Code
037332159601
PDU Type
Auto-Transfer Switch; Switched
INPUT
PDU Input Voltage
200; 208; 240
Recommended Electrical Service
30A 208/240V
Maximum Input Amps
30.0
Maximum Input Amps Details
Agency rated to 24A continuous
PDU Plug Type
(2) NEMA L6-30P
Input Phase
Single-Phase
Input Cord Details
Set of two inputs connect to separate PRIMARY and SECONDARY power sources
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
OUTPUT
Output Capacity Details
5.76kW (240V), 5kW (208V), 4.8kW (200V) total capacity / 30A max (Agency de-rated to 24A); 24A max per L6-30R
outlet; 16A max per breakered outlet bank; 16A max per C19 outlet; 12A max per C13 outlet
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com