Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH30HVATNET Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMH30HVATNET
Description  5.8kW Single-Phase Switched Automatic Transfer Switch PDU, 2 208/240V L6-30P Cords, 16-C13 2-C19 & 1 L6-30R Outlet, 2U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH30HVATNET Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMH30HVATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH30HVATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH30HVATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH30HVATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(16) C13; (2) C19; (1) L6-30R
Output Nominal Voltage
200; 208; 240
Overload Protection
Includes two 20A output circuit breakers; Breaker 1 controls the upper row of 9 outlets (8 C13, 1 C19); Breaker 2
controls the lower row of outlets (8 C13, 1 C19); L6-30R outlet is unbreakered
Customized Load Management
Receptacles
Each outlet is individually controllable via remote interface
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports output amps in 4 separately metered loading segments (BANK 1: Outlets #1-9; BANK 2:
Outlets #10-18; BANK 3: Outlet #19), whole-PDU output kW load level and input voltage on primary and secondary
input lines
Front Panel LEDs
19 LEDs display power on/off status for each outlet, plus 2 LEDs for power status on Primary and Secondary input
connection and three additional LEDs to label the displayed numeric value as Amps, kW or Voltage. Network
Link/Activity (Green): Flashes for network activity. Network Speed (Yellow): 10 Mbps (Flashing), 100 Mbps (On
steady). LX Platform Interface Status: Normal Operation (Solid Green); Software Update (Alternating Green/Orange
~1/sec); Factory Reset (Alternating Green/Orange ~2/sec).
Switches
ENTER and MODE switches toggle the digital display to show output amps (Banks 1-4), total kW output and input
voltage (primary, secondary). LX Platform Interface: Recessed reset switch for interface reboot and factory reset
Current Measurement Accuracy
(Amps)
+/-1%
Voltage Measurement Accuracy
(Volts)
+/-1%
Power Measurement Accuracy
(Watts)
+/-1%
PHYSICAL
Form Factors Supported
2U rackmount
Material of Construction
Metal
Minimum Required Rack Depth (cm)
40.64
Minimum Required Rack Depth
(inches)
16
PDU Form Factor
Horizontal (2U)
Shipping Dimensions (hwd / cm)
19.81 x 42.67 x 50.55
Shipping Dimensions (hwd / in.)
7.80 x 16.80 x 19.90
Shipping Weight (kg)
8.80
Shipping Weight (lbs.)
19.40
Unit Dimensions (hwd / cm)
8.8 x 44.5 x 31.8
Unit Dimensions (hwd / in.)
3.5 x 17.5 x 12.5
Unit Weight (kg)
6.21
Unit Weight (lbs.)
13.70
ENVIRONMENTAL
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com