Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH30HVATNET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMH30HVATNET
Description  5.8kW Single-Phase Switched Automatic Transfer Switch PDU, 2 208/240V L6-30P Cords, 16-C13 2-C19 & 1 L6-30R Outlet, 2U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH30HVATNET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMH30HVATNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH30HVATNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH30HVATNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH30HVATNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.8kW Single-Phase Switched Automatic
Transfer Switch PDU, 2 208/240V L6-30P Cords,
16-C13 2-C19 & 1 L6-30R Outlet, 2U, TAA
MODEL NUMBER: PDUMH30HVATNET
Features
208/240V 30A Automatic Transfer Switch (ATS) / Switched PDU (Agency de-rated to 24A continuous)
q
ATS features provide redundant power for critical network equipment with a single input power cord
q
2 digit display reports output power consumption in amps
q
2U horizontal rackmount form factor; 12.5 in. / 31.8 cm depth
q
19 built-in switched outlets (16 C13, 2 C19 & 1 L6-30R)
q
Set of Plug-lock output power cable retention sleeves prevent accidental disconnection of connected
devices
q
Set of two 10-ft. / (3.05 m) NEMA L6-30P input cables support connection to separate PRIMARY and
SECONDARY inputs
q
ATS circuits normally maintain output sourced from the primary input cable; As primary input power fails
or becomes unstable, the ATS will switch to maintain output sourced from the secondary input cable
until power on the primary input is restored and stable
q
ATS configurations enable fault-tolerant, hot-swappable UPS protection when used with a single UPS
and fully redundant UPS protection when each cord is connected to a separate UPS system (in a two-
UPS environment, the primary input cable must be supported by an online UPS with zero transfer time
similar to Tripp Lite SmartOnline series)
q
Advanced ATS configurations utilizing separate mains circuits, backup generators and even separate
out of phase utility power grid feeds are fully supported
q
On-board ATS processor constantly evaluates power quality on both inputs to prevent transfer to the
secondary source when unavailable or of lower quality than the primary source
q
Super-fast switch-over between primary and secondary power sources occurs in 2-6 milliseconds
q
Highlights
Single phase 30A 208/240V
Auto Transfer Switch / ATS PDU
with Solid State Switching
q
Separate primary & secondary
inputs enable redundant-power
option for non-redundant
network devices
q
LX Platform Network Interface
q
2U rackmount, 2 L6-30P inputs,
19 switched outlets (16 C13, 2
C19, 1 L6-30R)
q
Individually switched outlets,
network interface and visual
current, voltage and
environmental monitoring
q
Compliant with the Federal
Trade Agreements Act (TAA) for
GSA Schedule purchases
q
To enable the Auto Probe
feature, this product requires LX
firmware update 15.5.2 or later
to be installed
q
Package Includes
2U PDUMH30HVATNET 30A
ATS SWITCHED PDU
q
2U rackmount installation
brackets
q
(16) IEC C13 plug retention
sleeves
q
(2) IEC C19 plug retention
sleeves
q
(1) Micro-USB-to-USB A
configuration cable (73-1689)
q
User manual
q
1 / 4


Similar Part No. - PDUMH30HVATNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH30HVAT TRIPPLITE-PDUMH30HVAT Datasheet
164Kb / 3P
5.8kW Single-Phase Metered Automatic Transfer Switch PDU, 2 208/240V L6-30P Cords, 16-C13 2-C19 & 1 L6-30R Outlet, 2U, TAA
More results

Similar Description - PDUMH30HVATNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMNH30HV TRIPPLITE-PDUMNH30HV Datasheet
169Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (12-C13 and 4-C19), L6-30P, 12ft Cord, 2U Rack-Mount, TAA
PDUMH30ATNET TRIPPLITE-PDUMH30ATNET Datasheet
169Kb / 4P
2.9kW Single-Phase Switched Automatic Transfer Switch PDU, 2 120V L5-30P Inputs, 24 5-15/20R & 1 L5-30R Outputs, 2U, TAA
PDUMH30HV TRIPPLITE-PDUMH30HV Datasheet
165Kb / 3P
5.8kW Single-Phase Metered PDU, 208/240V Outlets (16 C13 & 2 C19), L6-30P, 12 ft. (3.66 m) Cord, 2U Rack-Mount, TAA
PDUMH30HVAT TRIPPLITE-PDUMH30HVAT Datasheet
164Kb / 3P
5.8kW Single-Phase Metered Automatic Transfer Switch PDU, 2 208/240V L6-30P Cords, 16-C13 2-C19 & 1 L6-30R Outlet, 2U, TAA
PDUMV30HVNET TRIPPLITE-PDUMV30HVNET Datasheet
166Kb / 4P
5/5.8kW Single-Phase Switched PDU, 208/240V Outlets (20-C13 and 4-C19), L6-30P, 10ft Cord, 0U Vertical, TAA
PDUMH30HV19NET TRIPPLITE-PDUMH30HV19NET Datasheet
165Kb / 4P
5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (8 C13 & 6 C19), L6-30P input, 15 ft. (4.57 m) Cord, 2U Rack-Mount, TAA
PDUMNH20HVAT TRIPPLITE-PDUMNH20HVAT Datasheet
173Kb / 4P
3.8kW Single-Phase Monitored Automatic Transfer Switch PDU, 2 208/240V 20A L6-20P Inputs, 1 L6-20R Outlet, 1U
PDUMNH30HVAT TRIPPLITE-PDUMNH30HVAT Datasheet
176Kb / 4P
5.8kW Single-Phase Monitored Automatic Transfer Switch PDU, 2 208/240V 30A L6-30P Inputs, 1 L6-30R Outlet, 1U
PDUMNV30HVLX TRIPPLITE-PDUMNV30HVLX Datasheet
185Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com