Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4826 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC4826
Description  Low Input Voltage, 160 VPP Output Voltage, EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4826 Datasheet(HTML) 2 Page - Microchip Technology

  MIC4826 Datasheet HTML 1Page - Microchip Technology MIC4826 Datasheet HTML 2Page - Microchip Technology MIC4826 Datasheet HTML 3Page - Microchip Technology MIC4826 Datasheet HTML 4Page - Microchip Technology MIC4826 Datasheet HTML 5Page - Microchip Technology MIC4826 Datasheet HTML 6Page - Microchip Technology MIC4826 Datasheet HTML 7Page - Microchip Technology MIC4826 Datasheet HTML 8Page - Microchip Technology MIC4826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MIC4826
DS20006134B-page 2
2019 -2022 Microchip Technology Inc.
Typical Application Circuit
Functional Block Diagram
442k
2M
VIN
COUT
0.01 F/100V
D1
BAV19WS
L1
220 H
2in2 EL LAMP
15
6
8
7
2
3
4
SW
CS
VA
VB
VDD
RSW
REL
GND
MIC4826
CIN
10 F
Q1
Q2
Q3
Q4
EL
Oscillator
GND
4
VB
EL LAMP
7
VA
8
CS
6
SW
COUT
D1
L1
220mH
5
1
RWS
RSW
CIN
2
REL
REL
3
Switch
Oscillator
VDD
VREF
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com