Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4826 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC4826
Description  Low Input Voltage, 160 VPP Output Voltage, EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4826 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC4826 Datasheet HTML 4Page - Microchip Technology MIC4826 Datasheet HTML 5Page - Microchip Technology MIC4826 Datasheet HTML 6Page - Microchip Technology MIC4826 Datasheet HTML 7Page - Microchip Technology MIC4826 Datasheet HTML 8Page - Microchip Technology MIC4826 Datasheet HTML 9Page - Microchip Technology MIC4826 Datasheet HTML 10Page - Microchip Technology MIC4826 Datasheet HTML 11Page - Microchip Technology MIC4826 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MIC4826
DS20006134B-page 8
2019 -2022 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
VDD
Supply (Input): 1.8V to 5.5V for internal circuitry.
2
RSW
Switch Resistor (External Component): Set switch frequency of the internal power
MOSFET by connecting an external resistor to VDD. Connecting the external
resistor to GND disables the switch oscillator and shutdown the device.
3
REL
EL Resistor (External Component): Set EL frequency of the internal H-bridge driver
by connecting an external resistor to VDD. Connecting the external resistor to GND
disables the EL oscillator.
4
GND
Ground return.
5
SW
Switch Node (Input): Internal high voltage power MOSFET drain.
6
CS
Regulated Boost Output (External Component): Connect to the output capacitor of
the boost regulator and connect to the cathode of the diode.
7
VB
EL Output: Connect to one end of the EL lamp. Polarity is not important.
8
VA
EL Output: Connect to the other end of the EL lamp. Polarity is not important.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com