Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4826 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4826
Description  Low Input Voltage, 160 VPP Output Voltage, EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4826 Datasheet(HTML) 4 Page - Microchip Technology

  MIC4826 Datasheet HTML 1Page - Microchip Technology MIC4826 Datasheet HTML 2Page - Microchip Technology MIC4826 Datasheet HTML 3Page - Microchip Technology MIC4826 Datasheet HTML 4Page - Microchip Technology MIC4826 Datasheet HTML 5Page - Microchip Technology MIC4826 Datasheet HTML 6Page - Microchip Technology MIC4826 Datasheet HTML 7Page - Microchip Technology MIC4826 Datasheet HTML 8Page - Microchip Technology MIC4826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MIC4826
DS20006134B-page 4
2019 -2022 Microchip Technology Inc.
Test Circuit
FIGURE 1-1:
MIC4826 Test Circuit.
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Storage Temperature Range
TS
–65
—
+150
°C
—
Ambient Temperature
TA
–40
—
+85
°C
—
Package Thermal Resistances
Thermal Resistance 8-Pin MSOP
JA
—
206
—
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA).
442k
2M
COUT
0.01 F/100V
D1
BAV19WS
L1
220 H
15
6
8
7
2
3
4
SW
CS
VA
VB
VDD
RSW
REL
GND
MIC4826
CIN
10 F
VIN
10nF
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com