Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF30M65DF2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGF30M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 30 A low-loss in a TO-220FP package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF30M65DF2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGF30M65DF2 Datasheet HTML 3Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 4Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 5Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 6Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 7Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 8Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 9Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 10Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STGF30M65DF2
Electrical characteristics
DocID027430 Rev 5
7/16
Figure 8: Collector current vs. switching frequency
Figure 9: Forward bias safe operating area
Figure 10: Transfer characteristics
Figure 11: Diode VF vs. forward current
Figure 12: Normalized VGE(th) vs. junction
temperature
Figure 13: Normalized V(BR)CES vs. junction
temperature
0
4
8
12
1
10
Ic [A]
f [kHz]
G
Ω
rectangular current shape,
(duty cycle=0.5, V
CC = 400V, R =10
,
V
GE = 0/15 V, TJ =175°C)
Tc=80°C
Tc=100 °C
16
20
GIPD170420151024FSR
IC
100
10
1
1
VCE(V)
(A)
10
1 µs
10 µs
1 ms
Single pulse
Tc= 25°C, TJ
≤ 175°C
VGE= 15V
100
100 µs
GIPD170420151029FSR
IC
60
40
20
0
6
7
VGE(V)
(A)
10
80
8
9
100
11
5
VCE= 5V
TJ= 25 °C
TJ= 175 °C
GIPD100420151152FSR
VF
1.5
1
0.5
0
0
IF(A)
(V)
20
TJ= 175°C
40
60
80
TJ= 25°C
TJ= -40°C
100
3
2.5
2
GIPD100420151209FSR
VGE(th)
1.1
1.0
-50
TJ(°C)
(norm)
0
50
100
150
IC= 500µA
VCE= VGE
0.7
0.8
0.9
GIPD100420151232FSR
V(BR)ces
1.1
1.05
-50
TJ(°C)
(norm)
0
50
100
150
IC= 250µA
0.9
0.95
1.0
GIPD100420151240FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com