Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF30M65DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGF30M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 30 A low-loss in a TO-220FP package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF30M65DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGF30M65DF2 Datasheet HTML 1Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 2Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 3Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 4Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 5Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 6Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 7Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 8Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 2017
DocID027430 Rev 5
1/16
This is information on a product in full production.
www.st.com
STGF30M65DF2
Trench gate field-stop IGBT, M series 650 V, 30 A
low-loss in a TO-220FP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
6 µs of short-circuit withstand time
VCE(sat) = 1.55 V (typ.) @ IC = 30 A
Tight parameters distribution
Safer paralleling
Low thermal resistance
Soft and very fast recovery antiparallel diode
Applications
Motor control
UPS
PFC
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the M series
IGBTs, which represent an optimal balance
between inverter system performance and
efficiency where low-loss and short-circuit
functionality are essential. Furthermore, the
positive VCE(sat) temperature coefficient and tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packing
STGF30M65DF2
G30M65DF2
TO-220FP
Tube
TO-220FP
C (2)
G (1)
E (3)
Sc12850_no_tab


Similar Part No. - STGF30M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF30H60DF STMICROELECTRONICS-STGF30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGF30H65DFB2 STMICROELECTRONICS-STGF30H65DFB2 Datasheet
487Kb / 15P
Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO‑220FP package
21-May-2020
STGF30NC60S STMICROELECTRONICS-STGF30NC60S Datasheet
497Kb / 15P
30 A, 600 V, fast IGBT
11-Nov-2010
More results

Similar Description - STGF30M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGW30M65DF2 STMICROELECTRONICS-STGW30M65DF2 Datasheet
726Kb / 19P
Trench gate field-stop IGBT, M series 650 V, 30 A low loss
18-Dec-2015
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGW75M65DF2 STMICROELECTRONICS-STGW75M65DF2 Datasheet
1,005Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
15-Jun-2016
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 50 A low loss
14-Jun-2016
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
STGF10M65DF2 STMICROELECTRONICS-STGF10M65DF2 Datasheet
989Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in TO-220FP package
April 2017
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2_V01 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low-loss in a D²PAK package
04-May-2017
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2_V01 Datasheet
448Kb / 20P
Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
05-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com