Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF30M65DF2 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STGF30M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 30 A low-loss in a TO-220FP package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF30M65DF2 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STGF30M65DF2 Datasheet HTML 8Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 9Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 10Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 11Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 12Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 13Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 14Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 15Page - STMicroelectronics STGF30M65DF2 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STGF30M65DF2
Revision history
DocID027430 Rev 5
15/16
5
Revision history
Table 9: Document revision history
Date
Revision
Changes
28-Jan-2015
1
First release.
04-May-2015
2
Added STGF30M65DF2 electrical characteristics curves.
19-Oct-2015
3
Changed Figure 27: "Thermal impedance for IGBT".
08-Feb-2016
4
Datasheet promoted from preliminary data to production data
Minor text changes
11-Apr-2017
5
Updated document title.
Updated Table 4: "Static characteristics", Table 6: "IGBT switching
characteristics (inductive load)" and Table 7: "Diode switching
characteristics (inductive load)".
Updated Figure 13: "Normalized V(BR)CES vs. junction temperature ".
Updated Section 4.1: "TO-220FP package information".
Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com