Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC38C43 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC38C43
Description  BiCMOS Current-Mode PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC38C43 Datasheet(HTML) 2 Page - Microchip Technology

  MIC38C43 Datasheet HTML 1Page - Microchip Technology MIC38C43 Datasheet HTML 2Page - Microchip Technology MIC38C43 Datasheet HTML 3Page - Microchip Technology MIC38C43 Datasheet HTML 4Page - Microchip Technology MIC38C43 Datasheet HTML 5Page - Microchip Technology MIC38C43 Datasheet HTML 6Page - Microchip Technology MIC38C43 Datasheet HTML 7Page - Microchip Technology MIC38C43 Datasheet HTML 8Page - Microchip Technology MIC38C43 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC38C42/43/44/45
DS20006436B-page 2
2020 - 2022 Microchip Technology Inc. and its subsidiaries
Functional Block Diagram
TQ
S
R Q
R
2R
Oscillator
UVLO
5V
Reference
VDD
7 (12)
VREF
8 (14)
RT/CT
4 (7)
FB
2 (3)
2.5V
COMP
1 (1)
GND* (AGND)
5
(9)
ISNS
3 (5)
OUT
6 (10)
( )
pins are on MIC38C4x-1 (14-lead) versions only
*
MIC38C4x, (8-lead) versions only
†
‡
(VD)
(11)
(PGND)
(8)
35V
*
*
†
MIC38C42, MIC38C43 (96% max. duty cycle) versions only
‡
MIC38C44, MIC38C45 (50% max. duty cycle) versions only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com