Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC38C43 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC38C43
Description  BiCMOS Current-Mode PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC38C43 Datasheet(HTML) 4 Page - Microchip Technology

  MIC38C43 Datasheet HTML 1Page - Microchip Technology MIC38C43 Datasheet HTML 2Page - Microchip Technology MIC38C43 Datasheet HTML 3Page - Microchip Technology MIC38C43 Datasheet HTML 4Page - Microchip Technology MIC38C43 Datasheet HTML 5Page - Microchip Technology MIC38C43 Datasheet HTML 6Page - Microchip Technology MIC38C43 Datasheet HTML 7Page - Microchip Technology MIC38C43 Datasheet HTML 8Page - Microchip Technology MIC38C43 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC38C42/43/44/45
DS20006436B-page 4
2020 - 2022 Microchip Technology Inc. and its subsidiaries
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VDD = 15V, Adjust VDD above the start threshold before setting at 15V; RT = 11.0 kΩ;
CT = 3.3 nF; –40°C ≤ TA ≤ +85°C; unless noted. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Reference
Output Voltage
VREF
4.90
5.00
5.10
V
TA = +25°C, IVREF = 1 mA
Line Regulation
ΔVREF(LINE)
—
2
20
mV
12V ≤ VDD ≤ 18V, IVREF = 5 μA, Note 6
Load Regulation
ΔVREF(LOAD)
—
1
25
mV
1 mA ≤ IVREF ≤ 20 mA
Temperature Stability
TCVREF
—
0.2
—
mV/°C Note 2
Total Output Variation ΔVREF(TOT)
4.82
—
5.18
V
Line, Load, Temperature, Note 2
Output Noise Voltage
VNOISE
—
50
—
µV
10 Hz ≤ f ≤ 10 kHz, TA = +25°C, Note 2
Long-Term Stability
ΔVREF(LT)
—
5
25
mV
TA = +125°C, 1000 hours, Note 2
Output Short-Circuit
IVREF(SC)
–30
–80
–180
mA
—
Oscillator
Initial Accuracy
ΔfOSC(INIT)
49
52
55
kHz
TA = +25°C, Note 3
Voltage Stability
ΔfOSC(VS)
—
0.2
1.0
%
12V ≤ VDD ≤ 18V, Note 6
Temperature Stability
TCFOSC
—
0.04
—
%/°C TMIN ≤ TA ≤ TMAX, Note 2
Clock Ramp Reset
Current
IDISCHG
6.0
8.4
9.0
mA
TA = +25°C, VRT/CT = 2V
6.0
8.4
9.5
mA
TA = TMIN to TMAX
Amplitude
VAMP
—
1.9
—
VPP VRT/CT peak-to-peak
Error Amp
Input Voltage
VIN(EA)
2.42
2.50
2.58
V
VCOMP = 2.5V
Input Bias Current
IBIAS(EA)
—
–0.1
–2
µA
VFB = 5.0V
Open Loop Voltage
Gain
AVOL
65
90
—
dB
2V ≤ VCOMP ≤ 4V
Unity Gain Bandwidth
GBW
0.7
1.0
—
MHz Note 2
Power Supply
Rejection Ratio
PSRREA
60
—
—
dB
12V ≤ VDD ≤ 18V
Output Sink Current
ICOMP(SINK)
2
14
—
mA
VFB = 2.7V, VCOMP = 1.1V
Output Source
Current
ICOMP(SRC)
–0.5
–1
—
mA
VFB = 2.3V, VCOMP = 5V
COMP High Voltage
VCOMP_H
5
6.8
—
V
VFB = 2.3V, RLOAD = 15 kΩ to ground
COMP Low Voltage
VCOMP_L
—
0.1
1.1
V
VFB = 2.7V, RLOAD = 15 kΩ to VREF
Current Sense
Divider Gain
Input-to-Output
ADIV
2.85
3.0
3.15
V/V
Note 4, Note 5
Maximum Threshold
VTH(MAX)
0.9
1
1.1
V
VCOMP = 5V, Note 4
Power Supply
Rejection Ratio
PSRRCS
—
70
—
dB
12V ≤ VDD ≤ 18V, Note 4
Input Bias Current
IBIAS(CS)
—
–0.1
–2
µA
—
Delay to Output
tD
—
120
250
ns
—
Output
RDS(ON) Pull High
RDSON_H
—
20
—
Ω
ISOURCE = 200 mA
RDS(ON) Pull Low
RDSON_L
—
11
—
Ω
ISINK = 200 mA
Rise Time
tR
—
40
80
ns
TA = +25°C, CLOAD = 1 nF
Fall Time
tF
—
30
60
ns
TA = +25°C, CLOAD = 1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com