Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC38C43 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC38C43
Description  BiCMOS Current-Mode PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC38C43 Datasheet(HTML) 1 Page - Microchip Technology

  MIC38C43 Datasheet HTML 1Page - Microchip Technology MIC38C43 Datasheet HTML 2Page - Microchip Technology MIC38C43 Datasheet HTML 3Page - Microchip Technology MIC38C43 Datasheet HTML 4Page - Microchip Technology MIC38C43 Datasheet HTML 5Page - Microchip Technology MIC38C43 Datasheet HTML 6Page - Microchip Technology MIC38C43 Datasheet HTML 7Page - Microchip Technology MIC38C43 Datasheet HTML 8Page - Microchip Technology MIC38C43 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2020 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006436B-page 1
MIC38C42/43/44/45
Features
• Fast 40 ns Output Rise and 30 ns Output Fall
Times
• –40°C to +85°C Ambient Temperature Range
Meets UC284x Specifications
• High-Performance, Low-Power BiCMOS Process
• Ultra-Low Start-Up Current (50 μA Typical)
• Low Quiescent Operating Current (4 mA Typical)
• CMOS Outputs with Rail-to-Rail Swing
• Up to 500 kHz Current-Mode Operation
• Trimmed 5V Bandgap Reference
• Pin-for-Pin Compatible with
UC3842/3843/3844/3845(A)
• Trimmed Oscillator Discharge Current
• UVLO with Hysteresis
• Low Cross-Conduction Currents
Applications
• Current-Mode, Offline, Switched-Mode Power
Supplies
• Current-Mode, DC-to-DC Converters
• Step-Down Buck Regulators
• Step-Up Boost Regulators
• Flyback, Isolated Regulators
• Forward Converters
• Synchronous FET Converters
General Description
The MIC38C4x are fixed-frequency, high performance,
current-mode PWM controllers. Microchip’s BiCMOS
devices are pin compatible with 384x bipolar devices,
but feature several improvements.
Undervoltage lockout circuitry allows the ‘42 and ‘44
versions to start up at 14.5V and operate down to 9V,
and the ‘43 and ‘45 versions start at 8.4V with operation
down to 7.6V. All versions operate up to 20V.
When compared to bipolar 384x devices operating
from a 15V supply, start-up current has been reduced
to 50 μA typical and operating current has been
reduced to 4.0 mA typical. Decreased output rise and
fall times drive larger MOSFETs, and rail-to-rail output
capability increases efficiency, especially at lower
supply voltages. The MIC38C4x also features a
trimmed oscillator discharge current and bandgap
reference.
The MIC38C4x denotes 8-pin plastic DIP, SOIC, and
MSOP packages. MIC38C4x-1 denotes 14-pin plastic
DIP and SOIC packages. 8-pin devices feature small
size, while 14-pin devices separate the analog and
power connections for improved performance and
power dissipation.
For fast rise and fall times and higher output drive, refer
to the MIC38HC4x.
Package Types
MIC38C42/43/44/45
8-Lead SOIC (M)
8-Lead MSOP (MM)
8-Lead DIP (N)
1
2
3
4
8
7
6
5
COMP
FB
ISNS
RT/CT
VREF
VDD
OUT
GND
MIC38C42-1/43-1/44-1/45-1
14-Lead SOIC (M)
14-Lead DIP (N)
2
NC
NC
13
3
FB
VDD
12
4
NC
VD
11
5
ISNS
OUT
10
6
N C
AGND
9
7
RT/CT
PGND
8
1
COMP
V R E F
14
BiCMOS Current-Mode PWM Controllers


Similar Part No. - MIC38C43

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C43 MICREL-MIC38C43 Datasheet
100Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C43 MICREL-MIC38C43 Datasheet
345Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C43 MICREL-MIC38C43 Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C43-1BM MICREL-MIC38C43-1BM Datasheet
100Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C43-1BM MICREL-MIC38C43-1BM Datasheet
345Kb / 11P
BiCMOS Current-Mode PWM Controllers
More results

Similar Description - MIC38C43

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
BiCMOS CURRENT MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com