Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L001J3 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM8L001J3
Description  8-bit ultra-low-power microcontroller with up to 8-Kbyte Flash memory, multifunction timers, comparators, UART, SPI, I2C
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L001J3 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM8L001J3 Datasheet HTML 35Page - STMicroelectronics STM8L001J3 Datasheet HTML 36Page - STMicroelectronics STM8L001J3 Datasheet HTML 37Page - STMicroelectronics STM8L001J3 Datasheet HTML 38Page - STMicroelectronics STM8L001J3 Datasheet HTML 39Page - STMicroelectronics STM8L001J3 Datasheet HTML 40Page - STMicroelectronics STM8L001J3 Datasheet HTML 41Page - STMicroelectronics STM8L001J3 Datasheet HTML 42Page - STMicroelectronics STM8L001J3 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
DS12153 Rev 4
39/58
STM8L001J3
Electrical parameters
52
Low speed internal RC oscillator (LSI)
Figure 11. Typical LSI RC frequency vs. VDD
8.3.5
Memory characteristics
TA = -40 to 125 °C unless otherwise specified.
Table 21. LSI oscillator characteristics (1)
1. VDD = 1.8 V to 3.6 V, TA = -40 to 125 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
Frequency
-
26
38
56
kHz
fdrift(LSI)
LSI oscillator frequency
drift(2)
2. For each individual part, this value is the frequency drift from the initial measured frequency.
0 °C
≤ TA ≤ 85 °C
-12
-
11
%
Table 22. RAM and hardware registers
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode (1)
1. Minimum supply voltage without losing data stored in RAM (in Halt mode or under Reset) or in hardware
registers (only in Halt mode). Guaranteed by characterization results.
Flash memory
Halt mode (or Reset)
1.65
-
-
V
Table 23. Flash program memory
Symbol
Parameter
Conditions
Min
Typ
Max
(1)
Unit
VDD
Operating voltage
(all modes, read/write/erase)
fMASTER = 16 MHz
1.8
-
3.6
V
tprog
Programming time for 1- or 64-byte (block)
erase/write cycles (on programmed byte)
--
6
-
ms
Programming time for 1- to 64-byte (block)
write cycles (on erased byte)
--
3
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com