Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L001J3 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM8L001J3
Description  8-bit ultra-low-power microcontroller with up to 8-Kbyte Flash memory, multifunction timers, comparators, UART, SPI, I2C
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L001J3 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM8L001J3 Datasheet HTML 36Page - STMicroelectronics STM8L001J3 Datasheet HTML 37Page - STMicroelectronics STM8L001J3 Datasheet HTML 38Page - STMicroelectronics STM8L001J3 Datasheet HTML 39Page - STMicroelectronics STM8L001J3 Datasheet HTML 40Page - STMicroelectronics STM8L001J3 Datasheet HTML 41Page - STMicroelectronics STM8L001J3 Datasheet HTML 42Page - STMicroelectronics STM8L001J3 Datasheet HTML 43Page - STMicroelectronics STM8L001J3 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
Electrical parameters
STM8L001J3
40/58
DS12153 Rev 4
8.3.6
I/O port pin characteristics
General characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. All
unused pins must be kept at a fixed voltage: using the output mode of the I/O for example or
an external pull-up or pull-down resistor.
Iprog
Programming/ erasing consumption
TA=+25 °C, VDD = 3.0 V
-
0.7
-
mA
TA=+25 °C, VDD = 1.8 V
-
-
tRET
Data retention (program memory)
after 10k erase/write cycles
at TA = +85 °C
TRET = 55 °C
20(1)
--
years
Data retention (data memory)
after 10k erase/write cycles
at TA = +85 °C
TRET = 55 °C
20(1)
--
Data retention (data memory)
after 300k erase/write cycles
at TA = +125 °C
TRET = 85 °C
1(1)
--
NRW
Erase/write cycles (program memory)
See notes (1)(2)
100(1)
-
-
cycles
Erase/write cycles (data memory)
See notes (1)(3)
100(1)(4)
-
-
kcycles
1. Guaranteed by characterization results.
2. Retention guaranteed after cycling is 10 years at 55 °C.
3. Retention guaranteed after cycling is 1 year at 55 °C.
4. Data based on characterization performed on the whole data memory (2 Kbytes).
Table 23. Flash program memory (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
(1)
Unit
Table 24. I/O static characteristics (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage(2)
All I/Os
VSS-0.3
-
0.3 x VDD
V
VIH
Input high level voltage (2)
All I/Os
0.70 x VDD
-VDD+0.3
V
Vhys
Schmitt trigger voltage hysteresis (3)
Standard I/Os
-
200
-
mV
True open drain I/Os
-
250
-
Ilkg
Input leakage current (4)
VSS ≤ VIN ≤ VDD
Standard I/Os
-
-
50 (5)
nA
VSS ≤ VIN ≤ VDD
True open drain I/Os
-
-
200(5)
VSS ≤ VIN ≤ VDD
PA0 with high sink LED
driver capability
-
-
200(5)
RPU
Weak pull-up equivalent resistor(6)
VIN = VSS
30
45
60
k
Ω
CIO(7)
I/O pin capacitance
-
-
5(8)
-pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com