Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2021 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products MAX2021 Datasheet HTML 10Page - Maxim Integrated Products MAX2021 Datasheet HTML 11Page - Maxim Integrated Products MAX2021 Datasheet HTML 12Page - Maxim Integrated Products MAX2021 Datasheet HTML 13Page - Maxim Integrated Products MAX2021 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
27
26
25
24
23
22
21
20
19
36
35
34
33
32
31
30
29
28
Σ
BIAS
LO2
BIAS
LO1
90
°
0
°
BIAS
LO3
GND
BBI+
BBI-
GND
RF
RF
GND
BBQ-
BBQ+
Q+
Q-
GND
I-
I+
C9
8.2pF
C8
0.1
µF
VCC
C7
33pF
C5
0.1
µF
C6
33pF
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
RBIASLO3
R3
332
Ω
C1
33pF
C3
82pF
C2
0.1
µF
VCC
VCCLOA
LO
GND
RBIASLO1
R1
432
Ω
N.C.
RBIASLO2
C11
0.1
µF
VCC
C10
33pF
C12
0.1
µF
C13
33pF
VCC
GND
GND
GND
GND
GND
GND
GND
MAX2021
R2
619
Ω
Typical Application Circuit
High-Dynamic-Range, Direct Up-/Downconversion
750MHz to 1200MHz Quadrature Mod/Demod
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
14 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2006 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
COMPONENT
VALUE
DESCRIPTION
C1, C6, C7, C10, C13
33pF
33pF ±5%, 50V C0G ceramic capacitors (0402)
C2, C5, C8, C11, C12
0.1µF
0.1µF ±10%, 16V X7R ceramic capacitors (0603)
C3
82pF
82pF ±5%, 50V C0G ceramic capacitor (0402)
C9
8.2pF
8.2pF ±0.1pF, 50V C0G ceramic capacitor (0402)
R1
432
Ω
432
Ω ±1% resistor (0402)
R2
619
Ω
619
Ω ±1% resistor (0402)
R3
332
Ω
332
Ω ±1% resistor (0402)
Table 3. Component List Referring to the Typical Application Circuit
Package Information
For the latest package outline information, go to
www.maxim-ic.com/packages.
Chip Information
PROCESS: SiGe BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com