Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2021 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2021 Datasheet HTML 1Page - Maxim Integrated Products MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
750MHz to 1200MHz Quadrature Mod/Demod
4
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX2021 Typical Application Circuit, VCC = +4.75V to +5.25V, GND = 0V, I/Q differential inputs driven from a 100
Ω DC-coupled
source, 0V common-mode input, PLO = 0dBm, 750MHz
≤ fLO ≤ 1200MHz, 50Ω LO and RF system impedance, R1 = 432Ω, R2 = 619Ω,
R3 = 332
Ω, TC = -40°C to +85°C. Typical values are at VCC = +5V, VBBI = 1.4VP-P differential, VBBQ = 1.4VP-P differential, fIQ = 1MHz,
fLO = 900MHz, TC = +25°C, unless otherwise noted.)
TOTAL SUPPLY CURRENT
vs. TEMPERATURE (TC)
TEMPERATURE (
°C)
60
35
10
-15
220
240
260
280
VCC = 4.75V
VCC = 5.0V
300
200
-40
85
VCC = 5.25V
ACLR vs. OUTPUT POWER PER CARRIER
OUTPUT POWER PER CARRIER (dBm)
-17
-27
-37
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-80
-47
-7
SINGLE-CARRIER WCDMA
ADJACENT CHANNEL
ALTERNATE CHANNEL
ACLR vs. OUTPUT POWER PER CARRIER
OUTPUT POWER PER CARRIER (dBm)
-17
-27
-37
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-80
-47
-7
ADJACENT CHANNEL
ALTERNATE CHANNEL
TWO-CARRIER WCDMA
ACLR vs. OUTPUT POWER PER CARRIER
OUTPUT POWER PER CARRIER (dBm)
-17
-27
-37
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-80
-47
-7
FOUR-CARRIER WCDMA
ADJACENT CHANNEL
ALTERNATE CHANNEL
SIDEBAND SUPPRESSION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
20
30
40
50
60
70
10
750
1200
PLO = -3dBm
PLO = -6dBm
PLO = 0dBm
PLO = +3dBm
SIDEBAND SUPPRESSION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
20
30
40
50
60
70
10
750
1200
VCC = 4.75V, 5.0V, 5.25V
SIDEBAND SUPPRESSION
vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
20
30
40
50
60
70
10
750
1200
TC = +25
°C
TC = +85
°C
TC = -40
°C
OUTPUT IP3 vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
15
20
25
30
10
750
1200
TC = -40
°C
TC = +85
°C
TC = +25
°C
PLO = 0dBm, VCC = 5.0V
OUTPUT IP3 vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
15
20
25
30
10
750
1200
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V
TC = +25
°C
MODULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com