Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2021 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2021 Datasheet HTML 1Page - Maxim Integrated Products MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
750MHz to 1200MHz Quadrature Mod/Demod
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF INPUT
RF Frequency
fRF
750
1200
MHz
Conversion Loss
LC
fBB = 25MHz (Note 7)
9.2
dB
Noise Figure
NF
fLO = 900MHz
9.3
dB
Noise Figure Under-Blocking
NFBLOCK
fBLOCKER = 900MHz, PRF = 11dBm,
fRF = fLO = 890MHz (Note 8)
17.8
dB
Input Third-Order Intercept
IIP3
fRF1 = 925MHz, fRF2 = 926MHz, fLO =
900MHz, PRF = PLO = 0dBm, fSPUR = 24MHz
35.2
dBm
Input Second-Order Intercept
IIP2
fRF1 = 925MHz, fRF2 = 926MHz, fLO =
900MHz, PRF = PLO = 0dBm, fSPUR = 51MHz
76
dBm
Input 1dB Compression
P1dB
fIF = 50MHz, fLO = 900MHz, PLO = 0dBm
30
dBm
I/Q Gain Mismatch
fBB = 1MHz, fLO = 900MHz, PLO = 0dBm
0.06
dB
PLO = 0dBm
1.1
I/Q Phase Mismatch
fBB = 1MHz,
fLO = 900MHz
PLO = -3dBm
0.15
degrees
AC ELECTRICAL CHARACTERISTICS (Demodulator)
(MAX2021 Typical Application Circuit when operated as a demodulator, VCC = +4.75V to +5.25V, GND = 0V, differential baseband out-
puts converted to a 50
Ω single-ended output, PRF = PLO = 0dBm, 750MHz ≤ fLO ≤ 1200MHz, 50Ω LO and RF system impedance, R1 =
432
Ω, R2 = 619Ω, R3 = 332Ω, TC = -40°C to +85°C. Typical values are at VCC = +5V, TC = +25°C, unless otherwise noted.) (Notes 1, 2)
AC ELECTRICAL CHARACTERISTICS (Modulator) (continued)
(MAX2021 Typical Application Circuit, VCC = +4.75V to +5.25V, GND = 0V, I/Q differential inputs driven from a 100
Ω DC-coupled
source, 0V common-mode input, PLO = 0dBm, 750MHz
≤ fLO ≤ 1200MHz, 50Ω LO and RF system impedance, R1 = 432Ω, R2 = 619Ω,
R3 = 332
Ω, TC = -40°C to +85°C. Typical values are at VCC = +5V, VBBI = 1.4VP-P differential, VBBQ = 1.4VP-P differential, fIQ = 1MHz,
fLO = 900MHz, TC = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ACLR (1st Adjacent Channel
5MHz Offset)
Single-carrier WCDMA (Note 4)
65
dBc
LO Leakage
No external calibration, with each
baseband input terminated in 50
Ω
-32
dBm
PLO = 0dBm
30
39.6
Sideband Suppression
No external calibration,
fLO = 920MHz
PLO = -3dBm
43.5
dBc
Output Noise Density
Each baseband input terminated in 50
Ω (Note 5)
-174
dBm/Hz
Output Noise Floor
POUT = 0dBm, fLO = 900MHz (Note 6)
-168
dBm/Hz
RF Return Loss
(Note 3)
15
dB
Note 1: Guaranteed by design and characterization.
Note 2: TC is the temperature on the exposed paddle.
Note 3: Parameter also applies to demodulator topology.
Note 4: Single-carrier WCDMA with 10.5dB peak-to-average ratio at 0.1% complementary cumulative distribution function,
PRF = -10dBm (PRF is chosen to give -65dBc ACLR).
Note 5: No baseband drive input. Measured with the inputs terminated in 50
Ω. At low output levels, the output noise is thermal.
Note 6: The output noise versus POUT curve has the slope of LO noise (Ln dBc/Hz) due to reciprocal mixing.
Note 7: Conversion loss is measured from the single-ended RF input to single-ended combined baseband output.
Note 8: The LO noise (L = 10(Ln/10)), determined from the modulator measurements can be used to deduce the noise figure under-
blocking at operating temperature (Tp in Kelvin), FBLOCK = 1 + (Lcn - 1) Tp / To + LPBLOCK / (1000kTo), where To = 290K,
PBLOCK in mW, k is Boltzmann’s constant = 1.381 x 10(-23) J/K, and Lcn = 10(Lc/10), Lc is the conversion loss. Noise figure
under-blocking in dB is NFBLOCK = 10 x log (FBLOCK). Refer to Application Note 3632.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com