Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SR2
Description  6 pin Smart Reset?
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR2 Datasheet(HTML) 5 Page - STMicroelectronics

  SR2 Datasheet HTML 1Page - STMicroelectronics SR2 Datasheet HTML 2Page - STMicroelectronics SR2 Datasheet HTML 3Page - STMicroelectronics SR2 Datasheet HTML 4Page - STMicroelectronics SR2 Datasheet HTML 5Page - STMicroelectronics SR2 Datasheet HTML 6Page - STMicroelectronics SR2 Datasheet HTML 7Page - STMicroelectronics SR2 Datasheet HTML 8Page - STMicroelectronics SR2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DocID026047 Rev 2
5/22
SR2
Description
22
Figure 3. Block diagram
Table 1. Signal names
Pin Name
Type
Description
1
VSS
Supply ground Ground
2
SR1
Input
Secondary push-button Smart Reset™ input. Active low. Optional pull-up resistor
3
RST
Output
Reset output
(open drain with optional pull-up resistor, active low)
(push-pull – active low or active high)
4
NC
-
Not connected (not bonded; should be connected to VSS)
5
SR0
Input
Primary push-button Smart Reset™ input. Active low. Optional pull-up resistor
6
VCC
Supply voltage
Positive supply voltage for the device. A 0.1 µF decoupling ceramic capacitor is
recommended to be connected between VCC and VSS pins, as close to the SR2
device as possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com