Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SR2
Description  6 pin Smart Reset?
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SR2 Datasheet HTML 13Page - STMicroelectronics SR2 Datasheet HTML 14Page - STMicroelectronics SR2 Datasheet HTML 15Page - STMicroelectronics SR2 Datasheet HTML 16Page - STMicroelectronics SR2 Datasheet HTML 17Page - STMicroelectronics SR2 Datasheet HTML 18Page - STMicroelectronics SR2 Datasheet HTML 19Page - STMicroelectronics SR2 Datasheet HTML 20Page - STMicroelectronics SR2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DocID026047 Rev 2
17/22
SR2
Package information
22
Figure 14. Footprint recommendation for UDFN6 1.6 x 1.3 x 0.55 mm, 0.40 mm pitch
Table 5. Mechanical data for UDFN6 1.6 x 1.3 x 0.55 mm, 0.40 mm pitch
Symbol
Dimensions
Note
Drawing (millimeters)
Drawing (inches)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.00
0.02
0.05
0.0000
0.0008
0.0020
b
0.15
0.20
0.25
0.006
0.008
0.010
D
1.30 BSC
0.051 BSC
E
1.60 BSC
0.063 BSC
e
0.40 BSC
0.016 BSC
L
0.250
0.325
0.400
0.0098
0.0128
0.0157
N6
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com