Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SR2
Description  6 pin Smart Reset?
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR2 Datasheet(HTML) 1 Page - STMicroelectronics

  SR2 Datasheet HTML 1Page - STMicroelectronics SR2 Datasheet HTML 2Page - STMicroelectronics SR2 Datasheet HTML 3Page - STMicroelectronics SR2 Datasheet HTML 4Page - STMicroelectronics SR2 Datasheet HTML 5Page - STMicroelectronics SR2 Datasheet HTML 6Page - STMicroelectronics SR2 Datasheet HTML 7Page - STMicroelectronics SR2 Datasheet HTML 8Page - STMicroelectronics SR2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
May 2014
DocID026047 Rev 2
1/22
SR2
6 pin Smart Reset™
Datasheet
- production data
Features
 Operating voltage 1.65 V to 5.5 V
 Low supply current 1.5 µA
 Integrated test mode
 Dual Smart Reset™ push-button inputs with
fixed extended reset setup delay (tSRC) from
0.5 s to 10 s in 0.5 s steps (typ.), option with
internal pull-up resistor
 Push-button controlled reset pulse duration
– Option 1: fully push-button controlled, no
fixed or minimum pulse width guaranteed
– Option 2: defined output reset pulse
duration (tREC), factory-programmed
 No power-on reset
 Single reset output
– Active low or active high
– Push-pull or open drain with optional pull-
up resistor
 Fixed Smart Reset™ input logic voltage levels
 Operating temperature: - 40 °C to +85 °C
 UDFN6 package: 1.6 mm x 1.3 mm
 ECOPACK®2 (RoHS compliant, Halogen-
Free)
Applications
 Wearable
 Activity tracker
 Smartwatch
 Smartglasses
UDFN6 (1.6 x 1.3 mm)
www.st.com


Similar Part No. - SR2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SR2 TEC-SR2 Datasheet
359Kb / 2P
2 pole relay with force guided contacts according to EN50205
logo
CUI INC
SR2 CUI-SR2 Datasheet
459Kb / 5P
SIGNAL RELAY
06/07/2022
logo
ABB
SR2 ABB-SR2 Datasheet
832Kb / 6P
Metal enclosures for automation and distribution
logo
CUI Devices
SR2 CUID-SR2 Datasheet
422Kb / 5P
SIGNALRELAY
10/27/2022
logo
Same Sky Devices
SR2 SAMESKY-SR2 Datasheet
361Kb / 5P
SIGNAL RELAY
09/12/2024
More results

Similar Description - SR2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6342 MAXIM-MAX6342 Datasheet
129Kb / 8P
6-Pin 關P Reset Circuit with Power-Fail Comparator
Rev 0; 10/99
logo
Microchip Technology
TC1270 MICROCHIP-TC1270_07 Datasheet
674Kb / 14P
4-Pin Reset Monitors
2007
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
4-Pin Reset Monitors
2007
logo
Maxim Integrated Produc...
MAX6342 MAXIM-MAX6342_05 Datasheet
554Kb / 8P
6-Pin uP Reset Circuit with Power-Fail Comparator
19-1568; Rev 2; 12/05
logo
Microchip Technology
TC1272ARVNBTR MICROCHIP-TC1272ARVNBTR Datasheet
223Kb / 12P
3-Pin Reset Monitor
02/17/04
logo
Maxim Integrated Produc...
MAX6343SUT-T MAXIM-MAX6343SUT-T Datasheet
554Kb / 8P
6-Pin μP Reset Circuit with Power-Fail Comparator
Rev 2; 12/05
logo
STMicroelectronics
STM6519ALARUB6F STMICROELECTRONICS-STM6519ALARUB6F Datasheet
397Kb / 25P
4-pin Smart Reset?
17-Jan-2013
AN3261 STMICROELECTRONICS-AN3261 Datasheet
635Kb / 17P
The Smart Reset
22-Sep-2010
L9779WD-SPI STMICROELECTRONICS-L9779WD-SPI Datasheet
1Mb / 141P
Smart reset function
08-May-2015
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com