Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH84C3 Datasheet(PDF) 109 Page - STMicroelectronics

Part # SPC58NH84C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C3 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SPC58NH84C3 Datasheet HTML 105Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 106Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 107Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 108Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 109Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 110Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 111Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 112Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 147 page
background image
DS12304 Rev 5
109/147
SPC58EHx, SPC58NHx
Electrical characteristics
109
Figure 42. OctoSPI timing diagram - SDR mode
4.16.9.2
Hyperbus mode
The SPC58EHx, SPC58NHx microcontroller's OCTOSPI interface supports Hyperbus
memory devices with AC specifications compliant with
Hyperbus_Specification_Cypress_revF.pdf document (001-99253 Rev. *F, June 2017,
chapter 9.3 AC Characteristics). Note that:
•
Table 9.2 Clock Timing (on page 33 of this document) is valid if Freq <= 100 Mhz
•
Single Ended clock (no CK# signal)
•
Only 3.3 +/-10% voltage configuration
•
CS/RWDS/DQ/CK should be balanced on board
•
tDSS/tDSH specs not met by default. Internal delay module in SPC58EHx, SPC58NHx
microcontroller should be used by tuning OCTOSPI_DELAY_CFG and
OCTOSPI_DELAY_CTRL registers to achieve 1/12th cycle delay on DQS, to aid
correct data latching in OCTOSPI controller.
4.16.10
SDMMC timing
For SD SDIO modes, refer to AC specifications as in “SD Specifications Part 1 Physical
Layer Specification” document version 3.01, Feb. 2010, chapter “6.6 Bus Operating
Conditions for 3.3V Signaling”).
For eMMC mode, refer to AC specifications as in JEDEC standard “EMBEDDED MULTI-
MEDIA CARD (eMMC), ELECTRICAL STANDARD (4.5 Device)”, JESD84-B45, June 2011,
chapters “10.5 Bus timing” and “10.6 Bus timing for DAT signals during 2x data rate
operation”.
Note:
tIHddr and tIH input hold timing parameters minimum value is 1 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com