Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH84C3 Datasheet(PDF) 113 Page - STMicroelectronics

Part # SPC58NH84C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C3 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button SPC58NH84C3 Datasheet HTML 109Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 110Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 111Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 112Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 113Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 114Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 115Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 116Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 147 page
background image
DS12304 Rev 5
113/147
SPC58EHx, SPC58NHx
Package information
126
Table 64. eTQFP144 package mechanical data
Symbol
Dimensions(7),(17)
Min.
Typ.
Max.
θ
0.0°
3.5°
7.0°
θ10.0°—
—
θ2
10.0°
12.0°
14.0°
θ3
10.0°
12.0°
14.0°
A(15)
—
—
1.20
A1(12)
0.05
—
0.15
A2(15)
0.95
1.00
1.05
b(8),(9),(11)
0.17
0.22
0.27
b1(11)
0.17
0.20
0.23
c(11)
0.09
—
0.20
c1(11)
0.09
—
0.16
D(4)
—
22.00 BSC
—
D1(2),(5)
—
20.00 BSC
—
D2(13)
—
—
8.96
D3(14)
7.30
—
—
E(4)
—
22.00 BSC
—
E1(2),(5)
—
20.00 BSC
—
E2(13)
—
—
8.96
E3(14)
7.30
—
—
e
0.50 BSC
L
0.45
0.60
0.75
L1
—
1.00 REF
—
N(16)
144
R1
0.08
—
—
R2
0.08
—
0.20
S0.20
—
—
aaa(1),(18)
0.20
bbb(1),(18)
0.20
ccc(1),(18)
0.08
ddd(1),(18)
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com