Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NH84C3 Datasheet(PDF) 115 Page - STMicroelectronics

Part # SPC58NH84C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84C3 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button SPC58NH84C3 Datasheet HTML 111Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 112Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 113Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 114Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 115Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 116Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 117Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 118Page - STMicroelectronics SPC58NH84C3 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 147 page
background image
DS12304 Rev 5
115/147
SPC58EHx, SPC58NHx
Package information
126
Figure 46. eTQFP144 leadframe pad design
5.2
eLQFP176 package information
Refer to Section 5.2.1: Package mechanical drawings and data information for full
description of below figures and table notes.
Note: number, dimensions and positions of grooves are for reference only.
Table 65. eTQFP144 symbol definitions
Symbol
Definition
Notes
aaa
The tolerance that controls the position of the
terminal pattern with respect to Datum A and B. The
center of the tolerance zone for each terminal is
defined by basic dimension e as related to Datum A
and B.
For flange-molded packages, this tolerance also
applies for basic dimensions D1 and E1. For
packages tooled with intentional terminal tip
protrusions, aaa does not apply to those
protrusions.
bbb
The bilateral profile tolerance that controls the
position of the plastic body sides. The centers of the
profile zones are defined by the basic dimensions D
and E.
—
ccc
The unilateral tolerance located above the seating
plane where in the bottom surface of all terminals
must be located.
This tolerance is commonly know as the
“coplanarity” of the package terminals.
ddd
The tolerance that controls the position of the
terminals to each other. The centers of the profile
zones are defined by basic dimension e.
This tolerance is normally compounded with
tolerance zone defined by “b”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com