Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753657 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1753657
Description  Feed-through header - MSTBV 2,5/13-G
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753657 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1753657 Datasheet HTML 1Page - PHOENIX CONTACT 1753657 Datasheet HTML 2Page - PHOENIX CONTACT 1753657 Datasheet HTML 3Page - PHOENIX CONTACT 1753657 Datasheet HTML 4Page - PHOENIX CONTACT 1753657 Datasheet HTML 5Page - PHOENIX CONTACT 1753657 Datasheet HTML 6Page - PHOENIX CONTACT 1753657 Datasheet HTML 7Page - PHOENIX CONTACT 1753657 Datasheet HTML 8Page - PHOENIX CONTACT 1753657 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
https://www.phoenixcontact.com/pi/products/1753657
09/11/2020   Page 3 / 11
Feed-through header - MSTBV 2,5/13-G - 1753657
Technical data
Packaging information
Denomination packing units
Pcs.
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 100 °C (dependent on the derating curve)
Air clearances and creepage distances
Clearances and creepage distances
IEC 60664-1:2007-04
Specification
IEC 60664-1:2007-04
Minimum clearance - inhomogeneous field (III/3)
3 mm
Minimum clearance - inhomogeneous field (III/2)
3 mm
Minimum clearance - inhomogeneous field (II/2)
3 mm
Minimum creepage distance value (III/3)
4 mm
Minimum creepage distance value (III/2)
3.2 mm
Minimum creepage distance value (II/2)
4 mm
Mechanical tests (A)
Test specification
IEC 61984
Insertion strength per pos. approx.
8 N
Withdraw strength per pos. approx.
6 N
Polarization when inserted requirement >20 N
Test passed
Contact holder in insert requirements >20 N
Test passed
Durability tests (B)
Specification
IEC 60512-9-1:2010-03
Contact resistance R1
2.1 mΩ
Insertion/withdrawal cycles
25
Contact resistance R2
2.3 mΩ
Impulse withstand voltage at sea level
4.8 kV
Power-frequency withstand voltage
2.21 kV
Insulation resistance, neighboring positions
> 0,4 TΩ
Thermal tests (C)
Specification
IEC 60512-5-1:2002-02
Number of positions
18
Conductor cross section
2.5 mm²
Upper limiting temperature requirements <100 °C
Test passed
Climatic tests (D)
Specification
ISO 6988:1985-02
Cold stress
-40 °C/2 h
Thermal stress
100 °C/168 h
Corrosive stress
0.2 dm3 SO2 on 300 dm3/40 °C/1 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com