Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753657 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753657
Description  Feed-through header - MSTBV 2,5/13-G
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753657 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753657 Datasheet HTML 1Page - PHOENIX CONTACT 1753657 Datasheet HTML 2Page - PHOENIX CONTACT 1753657 Datasheet HTML 3Page - PHOENIX CONTACT 1753657 Datasheet HTML 4Page - PHOENIX CONTACT 1753657 Datasheet HTML 5Page - PHOENIX CONTACT 1753657 Datasheet HTML 6Page - PHOENIX CONTACT 1753657 Datasheet HTML 7Page - PHOENIX CONTACT 1753657 Datasheet HTML 8Page - PHOENIX CONTACT 1753657 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
https://www.phoenixcontact.com/pi/products/1753657
09/11/2020   Page 1 / 11
Feed-through header - MSTBV 2,5/13-G - 1753657
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 13, pitch: 5 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 3.9 mm
The figure shows a 10-position
version of the product
Your advantages
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Well-known mounting principle allows worldwide use
 Vertical connection enables multi-row arrangement on the PCB
 Items that can be aligned in various pitches support flexible and space-saving PCB assembly
 Easy PCB replacement thanks to plug-in modules
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918028480
Technical data
Item properties
Brief article description
Feed-through header
Plug-in system
CLASSIC COMBICON
Type of contact
Male connector
Range of articles
MSTBV 2,5/..-G
Pitch
5 mm
Number of positions
13
Mounting type
Wave soldering
Pin layout
Linear pinning
Locking
without
Number of levels
1


Similar Part No. - 1753657

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
175365 MACOM-175365 Datasheet
2Mb / 43P
AMP Dynamic Series Connectors
More results

Similar Description - 1753657

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753738 PHOENIX-1753738 Datasheet
179Kb / 9P
Feed-through header - MSTBV 2,5/17-G
1753754 PHOENIX-1753754 Datasheet
179Kb / 9P
Feed-through header - MSTBV 2,5/18-G
1758173 PHOENIX-1758173 Datasheet
172Kb / 10P
Feed-through header - MSTBV 2,5/18-G-5,08
1776948 PHOENIX-1776948 Datasheet
245Kb / 12P
Feed-through header - MSTBV 2,5/ 8-GF
1777044 PHOENIX-1777044 Datasheet
234Kb / 11P
Feed-through header - MSTBV 2,5/18-GF
1758144 PHOENIX-1758144 Datasheet
280Kb / 15P
Feed-through header - MSTBV 2,5/15-G-5,08
1735772 PHOENIX-1735772 Datasheet
346Kb / 17P
Feed-through header - MSTBW 2,5/13-G-5,08
09/11/2020
1758199 PHOENIX-1758199 Datasheet
313Kb / 15P
Feed-through header - MSTBV 2,5/20-G-5,08
09/12/2020
1776993 PHOENIX-1776993 Datasheet
170Kb / 11P
Feed-through header - MSTBV 2,5/13-GF
09/12/2020
1898949 PHOENIX-1898949 Datasheet
711Kb / 20P
Feed-through header - DFK-MSTBA 2,5/13-G-5,08
Jan 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com