Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753657 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 1753657
Description  Feed-through header - MSTBV 2,5/13-G
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753657 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 1753657 Datasheet HTML 3Page - PHOENIX CONTACT 1753657 Datasheet HTML 4Page - PHOENIX CONTACT 1753657 Datasheet HTML 5Page - PHOENIX CONTACT 1753657 Datasheet HTML 6Page - PHOENIX CONTACT 1753657 Datasheet HTML 7Page - PHOENIX CONTACT 1753657 Datasheet HTML 8Page - PHOENIX CONTACT 1753657 Datasheet HTML 9Page - PHOENIX CONTACT 1753657 Datasheet HTML 10Page - PHOENIX CONTACT 1753657 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
https://www.phoenixcontact.com/pi/products/1753657
09/11/2020   Page 11 / 11
Feed-through header - MSTBV 2,5/13-G - 1753657
Accessories
Printed-circuit board connector - FKC 2,5/13-ST - 1910461
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 13, pitch: 5 mm, connection method: Push-in spring connection, color: green, contact surface: Tin
 
 
Printed-circuit board connector - FKCS 2,5/13-ST - 1974847
PCB connector, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 13, pitch: 5 mm, connection method: Push-in spring connection, color: green, contact surface: Tin
 
 
Phoenix Contact 2020 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com